Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG708BRUZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG708BRUZ-REEL7
Description  CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708BRUZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG708BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CMOS, 1.8 V to 5.5 V/±2.5 V, 3 Ω
Low Voltage 4-/8-Channel Multiplexers
Data Sheet
ADG708/ADG709
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor foranyinfringementsofpatentsorother
rights of third parties that may result from its use. Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks arethe propertyoftheir respectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700©2000–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V to 5.5 V single supply
±2.5 V dual supply
3 Ω on resistance
0.75 Ω on resistance flatness
100 pA leakage currents
14 ns switching times
Single 8-to-1multiplexer ADG708
Differential 4-to-1 multiplexer ADG709
16-lead TSSOP package
Lowpower consumption
TTL-/CMOS-compatible inputs
Qualified for automotive applications
APPLICATIONS
Data acquisition systems
Communication systems
Relay replacement
Audio and video switching
Battery-powered systems
GENERAL DESCRIPTION
The ADG708/ADG709 are low voltage, CMOS analog
multiplexers comprising eight single channels and four
differential channels, respectively. The ADG708 switches one of
eight inputs (S1 to S8) to a common output, D, as determined
by the 3-bit binary address lines A0, A1, and A2. The ADG709
switches one of four differential inputs to a common differential
output as determined by the 2-bit binary address lines A0 and
A1. An EN input on both devices is used to enable or disable
the device. When disabled, all channels are switched off.
Low power consumption and an operating supply range of
1.8 V to 5.5 V make the ADG708/ADG709 ideal for battery-
powered, portable instruments. All channels exhibit break-
before-make switching action preventing momentary shorting
when switching channels.
These switches are designed on an enhanced submicron process
that provides low power dissipation yet gives high switching
speed, very low on resistance, and leakage currents.
On resistance is in the region of a fewohms and is closely matched
between switches and very flat over the full signal range. These parts
can operate equally well as either multiplexers or demultiplexers
and have an input signal range that extends to the supplies.
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
A1
A2
ADG708
EN
1 OF 8
DECODER
Figure 1.
S1A
A0
DA
S4A
S1B
S4B
DB
EN
ADG709
1 OF 4
DECODER
A1
Figure 2.
PRODUCT HIGHLIGHTS
1. Single-/dual-supply operation. The ADG708/ADG709 are
fully specified and guaranteed with 3 V and 5 V single-supply
and ±2.5 V dual-supply rails.
2. Low RON (3 Ω typical).
3. Low power consumption (<0.01 μW).
4. Guaranteed break-before-make switching action.
5. Small 16-lead TSSOP package.
The ADG708/ADG709 are available in a 16-lead TSSOP.


Similar Part No. - ADG708BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
More results

Similar Description - ADG708BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com