Electronic Components Datasheet Search |
|
ADG708CRUZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices |
|
ADG708CRUZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices |
1 / 20 page CMOS, 1.8 V to 5.5 V/±2.5 V, 3 Ω Low Voltage 4-/8-Channel Multiplexers Data Sheet ADG708/ADG709 Rev. D Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor foranyinfringementsofpatentsorother rights of third parties that may result from its use. Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks arethe propertyoftheir respectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700©2000–2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES 1.8 V to 5.5 V single supply ±2.5 V dual supply 3 Ω on resistance 0.75 Ω on resistance flatness 100 pA leakage currents 14 ns switching times Single 8-to-1multiplexer ADG708 Differential 4-to-1 multiplexer ADG709 16-lead TSSOP package Lowpower consumption TTL-/CMOS-compatible inputs Qualified for automotive applications APPLICATIONS Data acquisition systems Communication systems Relay replacement Audio and video switching Battery-powered systems GENERAL DESCRIPTION The ADG708/ADG709 are low voltage, CMOS analog multiplexers comprising eight single channels and four differential channels, respectively. The ADG708 switches one of eight inputs (S1 to S8) to a common output, D, as determined by the 3-bit binary address lines A0, A1, and A2. The ADG709 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched off. Low power consumption and an operating supply range of 1.8 V to 5.5 V make the ADG708/ADG709 ideal for battery- powered, portable instruments. All channels exhibit break- before-make switching action preventing momentary shorting when switching channels. These switches are designed on an enhanced submicron process that provides low power dissipation yet gives high switching speed, very low on resistance, and leakage currents. On resistance is in the region of a fewohms and is closely matched between switches and very flat over the full signal range. These parts can operate equally well as either multiplexers or demultiplexers and have an input signal range that extends to the supplies. FUNCTIONAL BLOCK DIAGRAMS S1 S8 A0 D A1 A2 ADG708 EN 1 OF 8 DECODER Figure 1. S1A A0 DA S4A S1B S4B DB EN ADG709 1 OF 4 DECODER A1 Figure 2. PRODUCT HIGHLIGHTS 1. Single-/dual-supply operation. The ADG708/ADG709 are fully specified and guaranteed with 3 V and 5 V single-supply and ±2.5 V dual-supply rails. 2. Low RON (3 Ω typical). 3. Low power consumption (<0.01 μW). 4. Guaranteed break-before-make switching action. 5. Small 16-lead TSSOP package. The ADG708/ADG709 are available in a 16-lead TSSOP. |
Similar Part No. - ADG708CRUZ-REEL7 |
|
Similar Description - ADG708CRUZ-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |