Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90S2323-10PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT90S2323-10PI
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2323-10PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT90S2323-10PI Datasheet HTML 4Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 5Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 6Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 7Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 8Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 9Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 10Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 11Page - ATMEL Corporation AT90S2323-10PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
AT90S/LS2323/2343
1004D–09/01
The AVR has Harvard architecture – with separate memories and buses for program
and data. The program memory is accessed with a two-stage pipeline. While one
instruction is being executed, the next instruction is pre-fetched from the program mem-
ory. This concept enables instructions to be executed in every clock cycle. The program
memory is in-system downloadable Flash memory.
With the relative jump and call instructions, the whole 1K address space is directly
accessed. Most AVR instructions have a single 16-bit word format. Every program
memory address contains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address Program Counter (PC) is
stored on the stack. The stack is effectively allocated in the general data SRAM and
consequently, the stack size is only limited by the total SRAM size and the usage of the
SRAM. All user programs must initialize the SP in the reset routine (before subroutines
or interrupts are executed). The 8-bit stack pointer (SP) is read/write-accessible in the
I/O space.
The 128 bytes data SRAM + register file and I/O registers can be easily accessed
through the five different addressing modes supported in the AVR architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps.
Figure 6. Memory Maps
A flexible interrupt module has its control registers in the I/O space with an additional
global interrupt enable bit in the status register. All the different interrupts have a sepa-
rate interrupt vector in the interrupt vector table at the beginning of the program
memory. The different interrupts have priority in accordance with their interrupt vector
position. The lower the interrupt vector address, the higher the priority.
EEPROM
(128 x 8)
$000
$07F
EEPROM Data Memory


Similar Part No. - AT90S2323-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2323 ATMEL-AT90S2323 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
   Data and Nonvolatile Program Memory
More results

Similar Description - AT90S2323-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com