Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG709BRUZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADG709BRUZ-REEL
Description  CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG709BRUZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG709BRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 9Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 10Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 11Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 12Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 13Page - Analog Devices ADG709BRUZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG708/ADG709
Data Sheet
Rev. D | Page 10 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0
EN
S2
S3
S4
VSS
S1
D
A1
A2
S5
S6
S7
GND
VDD
S8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG708
TOP VIEW
(Not to Scale)
Figure 3. ADG708 Pin Configuration
A0
EN
S2A
S3A
S4A
VSS
S1A
DA
A1
GND
S2B
S3B
S4B
VDD
S1B
DB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG709
TOP VIEW
(Not to Scale)
Figure 4. ADG709 Pin Configuration
Table 5. ADG708 Pin FunctionDescriptions
Pin No.
Mnemonic
Description
1
A0
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
2
EN
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
3
VSS
Most NegativePowerSupply PininDual-Supply Applications. For single-supplyapplications, it shouldbe tiedto GND.
4
S1
Source Terminal. Can be an input or output.
5
S2
Source Terminal. Can be an input or output.
6
S3
Source Terminal. Can be an input or output.
7
S4
Source Terminal. Can be an input or output.
8
D
DrainTerminal. Can be an input or output.
9
S8
Source Terminal. Can be an input or output.
10
S7
Source Terminal. Can be an input or output.
11
S6
Source Terminal. Can be an input or output.
12
S5
Source Terminal. Can be an input or output.
13
VDD
Most Positive Power Supply Pin.
14
GND
Ground (0 V) Reference.
15
A2
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
16
A1
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
Table 6. ADG709 Pin FunctionDescriptions
Pin No.
Mnemonic
Description
1
A0
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).
2
EN
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).
3
VSS
Most NegativePowerSupply PininDual-Supply Applications. For single-supplyapplications, it shouldbe tiedto GND.
4
S1A
Source Terminal. Can be an input or output.
5
S2A
Source Terminal. Can be an input or output.
6
S3A
Source Terminal. Can be an input or output.
7
S4A
Source Terminal. Can be an input or output.
8
DA
DrainTerminal. Can be an input or output.
9
DB
DrainTerminal. Can be an input or output.
10
S4B
Source Terminal. Can be an input or output.
11
S3B
Source Terminal. Can be an input or output.
12
S2B
Source Terminal. Can be an input or output.
13
S1B
Source Terminal. Can be an input or output.
14
VDD
Most Positive Power Supply Pin.
15
GND
Ground (0 V) Reference.
16
A1
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).


Similar Part No. - ADG709BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709BRUZ-REEL AD-ADG709BRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
More results

Similar Description - ADG709BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com