Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8143FS Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8143FS
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143FS Datasheet(HTML) 3 Page - Analog Devices

  DAC8143FS Datasheet HTML 1Page - Analog Devices DAC8143FS Datasheet HTML 2Page - Analog Devices DAC8143FS Datasheet HTML 3Page - Analog Devices DAC8143FS Datasheet HTML 4Page - Analog Devices DAC8143FS Datasheet HTML 5Page - Analog Devices DAC8143FS Datasheet HTML 6Page - Analog Devices DAC8143FS Datasheet HTML 7Page - Analog Devices DAC8143FS Datasheet HTML 8Page - Analog Devices DAC8143FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
DAC8143
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STB to SRO Propagation Delay
13
tPD
TA = +25°C
220
ns
TA = Full Temperature Range
300
ns
SRI Data Pulsewidth
tSRI
100
ns
STB1 Pulsewidth (STB1 = 80 ns)
14
tSTB1
80
ns
STB2 Pulsewidth (STB2 = 100 ns)
14
tSTB2
80
ns
STB3 Pulsewidth (STB3 = 80 ns)
14
tSTB3
80
ns
STB4 Pulsewidth (STB4 = 80 ns)
14
tSTB4
80
ns
Load Pulsewidth
tLD1, tLD2
TA = +25°C
140
ns
TA = Full Temperature Range
180
ns
LSB Strobe into Input Register
to Load DAC Register Time
tASB
0ns
CLR Pulsewidth
tCLR
80
ns
POWER SUPPLY
Supply Voltage
VDD
4.75
5
5.25
V
Supply Current
IDD
All Digital Inputs = VIH or VIL
2mA
All Digital Inputs = 0 V or VDD
0.1
mA
Power Dissipation
PD
Digital Inputs = 0 V or VDD
0.5
mW
5 V
× 0.1 mA
Digital Inputs = VIH or VIL
10
mW
5 V
× 2 mA
NOTES
11All grades are monotonic to 12 bits over temperature.
12Using internal feedback resistor.
13Guaranteed by design and not tested.
14Applies to I
OUT1; all digital inputs = VIL, VREF = +10 V; specification also applies for IOUT2 when all digital inputs = VIH.
15V
REF = +10 V, all digital inputs = 0 V.
16Calculated from worst case R
REF: IZSE (in LSBs) = (RREF × ILKG × 4096) /VREF.
17Absolute temperature coefficient is less than +300 ppm/
°C.
18I
OUT, Load = 100 Ω. CEXT = 13 pF, digital input = 0 V to VDD or VDD to 0 V. Extrapolated to 1/2 LSB: tS = propagation delay (tPD) +9 τ, where τ equals measured
time constant of the final RC decay.
19All digital inputs = 0 V.
10V
REF = 0 V, all digital inputs = 0 V to VDD or VDD to 0 V.
11Calculations from en = √4K TRB where:
K = Boltzmann constant, J/KR = resistance
T = resistor temperature, K B = bandwidth, Hz
12Digital inputs are CMOS gates; I
IN typically 1 nA at +25°C.
13Measured from active strobe edge (STB) to new data output at SRO; C
L = 50 pF.
14Minimum low time pulsewidth for STB
1, STB2, and STB4, and minimum high time pulsewidth for STB 3.
Specifications subject to change without notice.
(@ VDD = +5 V; VREF = +10 V; VOUT1 = V0UT2 = VAGND = VDGND = 0 V; TA = Full
Temperature Range specified under Absolute Maximum Ratings, unless otherwise noted.)
DAC8143
–3–
REV. C


Similar Part No. - DAC8143FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8143FS AD-DAC8143FS Datasheet
181Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143FS AD-DAC8143FS Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results

Similar Description - DAC8143FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143 AD-DAC8143_15 Datasheet
185Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
   CMOS Serial 10-Bit A/D Converter
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com