Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNF12FTC10R0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RNF12FTC10R0
Description  Stackpole Electronics, Inc.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RNF12FTC10R0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RNF12FTC10R0 Datasheet HTML 1Page - List of Unclassifed Manufacturers RNF12FTC10R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RNF12FTC10R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 01/24/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF/RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
±10 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
100 - 100K
100 - 100K
±25 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
30.1 - 499K
49.9 - 499K
±50 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
10 - 1M
1 - 1M
±100 ppm/ºC
100 - 100K
51.1 - 100K
100 - 100K
10 - 1M
1 - 10M
1 - 22M
1 - 22M
±10 ppm/ºC
100 - 100K
100 - 100K
±25 ppm/ºC
100 - 100K
1 - 2.2M
1 - 2.2M
1 - 2.2M
10 - 1M
±50 ppm/ºC
100 - 100K
1 - 2.2M
1 - 2.2M
1 - 2.2M
1 - 5.11M
1.1M - 10M
±100 ppm/ºC
100 - 100K
1 - 2.2M
1 - 2.2M
1 - 2.2M
1 - 10M
5.6 - 10M
1 - 10M
±25 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
49.9 - 499K
49.9 - 499K
±50 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
10 - 1M
1 - 4.99M
±100 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
10 - 1M
1 - 10M
1 - 10M
1 - 10M
±25 ppm/ºC
±50 ppm/ºC
10 - 1M
10 - 470K
±100 ppm/ºC
10 - 1M
1 - 1M
±25 ppm/ºC
-
±50 ppm/ºC
10 - 1M
±100 ppm/ºC
10 - 1M
10 - 1M
±25 ppm/ºC
100 - 100K
100 - 100K
30.1 - 499K
30.1 - 499K
±50 ppm/ºC
100 - 100K
100 - 100K
10 - 1M
1 - 1M
±100 ppm/ºC
100 - 100K
100 - 100K
10 - 1M
1 - 2.15M
1 - 2.2M
1 - 2.2M
±25 ppm/ºC
30.1 - 294K
30.1 - 294K
49.9 - 1M
49.9 - 1M
±50 ppm/ºC
30.1 - 1M
30.1 - 1M
10 - 1M
1 - 1M
±100 ppm/ºC
30.1 - 1M
30.1 - 1M
10 - 1M
1 - 10M
1 - 10M
1 - 10M
(1) Lesser of √PR or maximum working voltage
RNF2
-
2W
350V
RNF12
RN 60
RNF1
RN 65
200V
0.25W
RNF14
RN 55
RNMF12
RL 07
350V
600V
0.5W
RNMF14
-
200V
400V
0.25W
1%
2%
5%
-
-
-
-
700V
350V
500V
250V
Maximum
Working
Voltage
(Vrms) (1)
Type /
Code
Mil Ref
Power
Rating
(Watts)
@ 70ºC
-
-
-
-
-
-
-
-
-
400V
Resistance
Temperature
Coefficient
Maximum
Overload
Voltage
(Vrms)
800V
350V
700V
0.5W
1W
RNF18
RN 50
0.125W
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Ohmic Range (Ω) and Tolerance
0.05%
-
-
0.1%
0.25%
0.5%
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Features:
Precision metal film
Superior electrical, TCR performances
Flame-retardant coatings are standard
Panasert available (selected sizes: contact factory)
RNMF (mini) an ideal choice where size constraints apply
RNF 5% replaces MP series
RoHS compliant / lead-free
Lower or higher resistance values may be possible (contact factory)
Electrical Specifications


Similar Part No. - RNF12FTC10R0

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNF12FTC10R0 SEI-RNF12FTC10R0 Datasheet
505Kb / 9P
   General Purpose Metal Film Resistor
3/3/2022
More results

Similar Description - RNF12FTC10R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF14JT200R ETC2-CF14JT200R Datasheet
364Kb / 7P
   Stackpole Electronics, Inc
logo
Transko Electronics, In...
TL15337AV TRANSKO-TL15337AV Datasheet
456Kb / 11P
   Transko Electronics, Inc
Revision 0: 19. Mar. 2010
logo
Lite-On Technology Corp...
LTST-C230TBKT LITEON-LTST-C230TBKT Datasheet
327Kb / 6P
   LITE-ON ELECTRONICS, INC.
logo
Delta Electronics, Inc.
DOP-103WQ DELTA-DOP-103WQ Datasheet
3Mb / 2P
   High Color ?쬦idescreen??User-Friendly HMI Products Delta Electronics Inc,
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
   Freescale Semiconductor, Inc.
logo
AZ Displays
AGM2432B-FE-FBH-T AZDISPLAYS-AGM2432B-FE-FBH-T Datasheet
401Kb / 13P
   AZ DISPLAYS, INC.
AGM2464DC AZDISPLAYS-AGM2464DC Datasheet
55Kb / 1P
   AZ DISPLAYS, INC.
GD-269P AZDISPLAYS-GD-269P Datasheet
70Kb / 1P
   AZ DISPLAYS, INC.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com