Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2019BRNZ Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2019BRNZ
Description  Self-Contained Audio Preamplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019BRNZ Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2019BRNZ Datasheet HTML 2Page - Analog Devices SSM2019BRNZ Datasheet HTML 3Page - Analog Devices SSM2019BRNZ Datasheet HTML 4Page - Analog Devices SSM2019BRNZ Datasheet HTML 5Page - Analog Devices SSM2019BRNZ Datasheet HTML 6Page - Analog Devices SSM2019BRNZ Datasheet HTML 7Page - Analog Devices SSM2019BRNZ Datasheet HTML 8Page - Analog Devices SSM2019BRNZ Datasheet HTML 9Page - Analog Devices SSM2019BRNZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SSM2019
–10–
REV. A
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 8. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(RN-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2019BNZ
−40°C to +85°C
8-Lead PDIP
N-8
SSM2019BRNZ
−40°C to +85°C
8-Lead SOIC_N
R-8
SSM2019BRNZRL
−40°C to +85°C
8-Lead SOIC_N, REEL
R-8
SSM2019BRWZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
SSM2019BRWZRL
−40°C to +85°C
16-Lead SOIC_W, REEL
RW-16
1 Z = RoHS Compliant Part
REVISION HISTORY
6/11—Rev. 0 to Rev. A
Updated Outline Dimensions ......................................................... 9
Changes to Ordering Guide .......................................................... 10
2/03—Revision 0: Initial Version
©2003–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02718-0-6/11(A)


Similar Part No. - SSM2019BRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results

Similar Description - SSM2019BRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019 AD-SSM2019 Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
   Self-Contained Audio Preamplifier
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com