Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQE-T5 Datasheet(PDF) 1 Page - Topstek Inc.

Part # TQE-T5
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TQE-T5 Datasheet(HTML) 1 Page - Topstek Inc.

  TQE-T5 Datasheet HTML 1Page - Topstek Inc. TQE-T5 Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer TQE500A-T5
- 104 -
www.topstek.com
TQE500A-T5
V080201
7/1/2008
TQE500A-T5
Features
iHighly reliable Closed Loop Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (9 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulant, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment eg. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TQE500A-T5-B24
TQE500A-T5-B15
Nominal Input Current
Ipn
A DC
±500
±500
Supply Voltage Range
VCC/VEE
V
±12 --- ±24
±12 --- ±15
Supply Voltage ±5%
VCC/VEE
V
±12
±15
±24
±12
±15
Consumption Current
ICC
mA
35 mA + Is
15 mA + Is
Measuring Range
Ifs
A DC
±500
±600
±700
±800
±500
±600
±700
Maximum Load Resistance
RMmax
15
5
10
60
15
5
10
Minimum Load Resistance
RMmin
0
0
0
0
0
0
0
Conversion Ratio
KN
1:5000
Secondary Current @ Ipn
Is
mA
100
Secondary Resistance
RMmax
76
Offset Current
Ios
mA
Within ±0.25 mA @ Ip=0, Ta=25°C
Overall Accuracy @ Ipn
%
Within ±0.3% of Ifn
Linearity
%
Within ±0.1% of Ifn
Response Time (90%Vhn)
Tr
Psec
1
Psec max. @ d If /dt = Ipn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 200kHz
Thermal Drift of Output
-
%/°C
Within ±0.05 %/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
200 g


Similar Part No. - TQE-T5

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQE500A-T5 TOPSTEK-TQE500A-T5 Datasheet
146Kb / 2P
   Topstek Current Transducer
logo
DIWELL Electronics Co.,...
TQE500A-T5 DIWELL-TQE500A-T5 Datasheet
235Kb / 3P
   Topstek Current Transducer TQE500A-T5
7/1/2008
logo
Topstek Inc.
TQE500A-T5-B15 TOPSTEK-TQE500A-T5-B15 Datasheet
146Kb / 2P
   Topstek Current Transducer
TQE500A-T5-B24 TOPSTEK-TQE500A-T5-B24 Datasheet
146Kb / 2P
   Topstek Current Transducer
More results

Similar Description - TQE-T5

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com