Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-343PG Datasheet(PDF) 1 Page - Rohm

Part # SLR-343PG
Description  Electrical Characteristics Curves
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343PG Datasheet(HTML) 1 Page - Rohm

  SLR-343PG Datasheet HTML 1Page - Rohm SLR-343PG Datasheet HTML 2Page - Rohm SLR-343PG Datasheet HTML 3Page - Rohm SLR-343PG Datasheet HTML 4Page - Rohm SLR-343PG Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
2.5 or 5.0
2.0
1.0 ±0.1
(2.5)
Cathode
φ3.8
φ3.1
□0.4
(unit : mm)
Tolerance :
±0.2
(unit : mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR-343 Series
SLR343BC7T / SLR343WBC7T
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR343BCT / ECT / BC4T / EC4T
Directivity (deg)
RELATIVE INTENSITY (%)
Viewing angle 2
θ 1/2 /
40 : Standard
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLR-343VR
GaAsP
on GaP
Red
60
20
60*1
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
5.6
16
10
SLR-343VC
9.0
25
SLR-343DU
Orange
605
5.6
16
SLR-343DC
9.0
25
SLR-343YY
Yellow
2.1
587
3.6
10
SLR-343YC
5.6
16
SLR-343MG
GaP
Green
75
25
572
SLR-343MC
9.0
25
SLR-343PG
560
2.2
6.3
SLR-343PC
SLR343ECT
InGaN
Bluish
Green
120
30
100*2
5
-20 to +80
-30 to +100
3.3
20
100
5
527
20
900
2200
20
SLR343EC4T
3.2
525
420
1500
SLR343BCT
Blue
120
30
3.3
470
200
600
SLR343BC7T
105
25
3.2
220
470
SLR343BC4T
120
30
200
SLR343WBC7T
White
105
25
(x, y)
(0.31, 0.31)
330
680
Diffused
Clear
SLR343BCT / ECT
SLR343BC4T / EC4T
SLR343BC7T
SLR343WBC7T
*1:Duty1/5, 200Hz, *2:Duty1/10, 1kHz
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
・Competent to direct mount
Color
Type
V
D
Y
M
P
E
B
WB
SLR-343 Series
1/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D


Similar Part No. - SLR-343PG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343PG ROHM-SLR-343PG Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343PG ROHM-SLR-343PG Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343PG ROHM-SLR-343PG Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLR-343PG ROHM-SLR-343PG Datasheet
905Kb / 12P
   Circular LED lamp
2021.12 - Rev.010
More results

Similar Description - SLR-343PG

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com