Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK6226-75C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK6226-75C
Description  N-channel TrenchMOS FET Rev. 01 ??4 October 2010
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK6226-75C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK6226-75C Datasheet HTML 5Page - NXP Semiconductors BUK6226-75C Datasheet HTML 6Page - NXP Semiconductors BUK6226-75C Datasheet HTML 7Page - NXP Semiconductors BUK6226-75C Datasheet HTML 8Page - NXP Semiconductors BUK6226-75C Datasheet HTML 9Page - NXP Semiconductors BUK6226-75C Datasheet HTML 10Page - NXP Semiconductors BUK6226-75C Datasheet HTML 11Page - NXP Semiconductors BUK6226-75C Datasheet HTML 12Page - NXP Semiconductors BUK6226-75C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BUK6226-75C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2010
9 of 14
NXP Semiconductors
BUK6226-75C
N-channel TrenchMOS FET
Fig 13. Gate charge waveform definitions
Fig 14. Gate-source voltage as a function of gate
charge; typical values
Fig 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 16. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aae866
0
2.5
5
7.5
10
010
20
30
40
QG (nC)
VGS
(V)
VDS= 60V
14V
003aae864
10
10
2
10
3
10
4
10
-2
10
-1
1
10
10
2
VDS(V)
C
(pF)
Ciss
Crss
Coss
003aae869
0
10
20
30
40
50
0
0.3
0.6
0.9
1.2
VSD(V)
IS
(A)
Tj = 25 °C
Tj = 175 °C


Similar Part No. - BUK6226-75C

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK6226-75C NEXPERIA-BUK6226-75C Datasheet
770Kb / 14P
   N-channel TrenchMOS FET
Rev. 01 - 4 October 2010
logo
NXP Semiconductors
BUK6226-75C PHILIPS-BUK6226-75C_15 Datasheet
207Kb / 14P
   N-channel TrenchMOS FET
Rev. 01-4 October 2010
More results

Similar Description - BUK6226-75C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
   N-channel TrenchMOS FET
Rev. 03-25 February 2008
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com