Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP213E Datasheet(PDF) 11 Page - Exar Corporation

Part # SP213E
Description  Low Power, High ESD 5V RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP213E Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP213E Datasheet HTML 7Page - Exar Corporation SP213E Datasheet HTML 8Page - Exar Corporation SP213E Datasheet HTML 9Page - Exar Corporation SP213E Datasheet HTML 10Page - Exar Corporation SP213E Datasheet HTML 11Page - Exar Corporation SP213E Datasheet HTML 12Page - Exar Corporation SP213E Datasheet HTML 13Page - Exar Corporation SP213E Datasheet HTML 14Page - Exar Corporation SP213E Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
RS and RV add up to 330Ω for IEC1000-4-2.
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Model
Figure 8. ESD Test Circuit for IEC000-4-2
Figure9.ESDTestWaveformforIEC1000-4-2
The Contact Discharge Method applies the
ESDcurrentdirectlytotheEUT.Thismethod
was devised to reduce the unpredictability
of the ESD arc. The discharge current rise
time is constant since the energy is directly
transferred without the air-gap arc.
In situations such as hand held systems, the
ESD charge can be directly discharged to
theequipmentfromapersonalreadyholding
the equipment. The current is transferred
on to the keypad or the serial port of the
equipment directly and then travels through
thePCBandfinallytotheIC.
ThecircuitmodelinFigures7and8represent
the typical ESD testing circuit used for all
three methods. The C
S is initially charged
with the DC power supply when the first
switch(SW1)ison.
Now that the capacitor is charged, the sec-
ondswitch(SW2)isonwhileSW1switches
off. The voltage stored in the capacitor is
then applied through R
S, the current limiting
resistor,ontothedeviceundertest(DUT).
InESDtests,theSW2switchispulsedso
that the device under test receives a dura-
tion of voltage.
For the Human Body Model, the current
limitingresistor(R
S) and the source capacitor
(C
S)are1.5kΩan100pF,respectively.For
IEC-000-4-2, the current limiting resistor
(R
S) and the source capacitor (CS)are330Ω
an 50pF, respectively.
The higher C
S value and lower RS value in
the IEC000-4-2 model are more stringent
than the Human Body Model. The larger
storage capacitor injects a higher voltage
tothetestpointwhenSW2isswitchedon.
The lower current limiting resistor increases
the current charge onto the test point.
t=0ns
t=30ns
0A
5A
30A
t


Similar Part No. - SP213E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP213E SIPEX-SP213E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213E EXAR-SP213E Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP213E EXAR-SP213E Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP213E EXAR-SP213E Datasheet
994Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
logo
Sipex Corporation
SP213EA SIPEX-SP213EA Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
More results

Similar Description - SP213E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP211EHE EXAR-SP211EHE Datasheet
994Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207E EXAR-SP207E Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com