Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM05X7R223K16AH Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # CM05X7R223K16AH
Description  Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CM05X7R223K16AH Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  CM05X7R223K16AH Datasheet HTML 1Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 2Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 3Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 4Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 5Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 6Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 7Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 8Page - Kyocera Kinseki Corpotation CM05X7R223K16AH Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High Dielectric Constant
Temperature Compensation Type
K =
±250ppm/°C, J = ±120ppm/°C, H = ±60ppm/°C, G = ±30ppm/°C
e.g. CG = 0
±30ppm/°C, PH = −150±60ppm/°C
Note: All parts will be marked as "CG" but will conform to the above table.
Available Tolerances
Dielectric materials, capacitance values and tolerances are
available in the following combinations only:
EIA Dielectric
Temperature Range
∆Cmax
X5R
−55 to 85°C
X7R
−55 to 125°C
±15%
X7S
−55 to 125°C
±22%
X6S
−55 to 105°C
Y5V
−30 to 85°C
−82 to +22%
Electric Code
1B/C0G
P
R
S
T
U
SL
Value (pF)
N150
N220
N330
N470
N750
+350 to −1000
0.5-2.7
CK
PK
RK
SK
TK
UK
SL
3.0-3.9
CJ
PJ
RJ
SJ
TJ
UJ
SL
4.0-9.0
CH
PH
RH
SH
TH
UJ
SL
≥10
CG
PH
RH
SH
TH
UJ
SL
Note:
∗1 NTC : Negative Temperature Compensation types are available on request as shown on
product pages.
∗2 Nominal values below 10pF are available in the standard values of 0.5pF, 1.0pF, 1.5pF,
2.0pF, 3.0pF, 4.0pF, 5.0pF, 6.0pF, 7.0pF, 8.0pF, 9.0pF, 10pF.
∗3 J = ±5% for X7R(X5R) is available on request.
∗4 option
EIA Dielectric
Standard Tolerance
Capacitance
COG
NTC ∗1
X5R
X6R
X7R
Y5V
∗4 A
=±0.05pF
≤0.5pF
∗4 B
=±0.1pF
≤5pF
C
=±0.25pF
D
=±0.50pF
∗2 <10pF
F
=±1pF
G
=±2%
≥10pF
J
=±5%
K
=±10%
E12 Series
∗3 K
=±10%
E6 Series
M
=±20%
Z
=−20% to +80%
E3 Series
E Standard Number
E3
E6
E12
E24 (Option)
1.0
1.0
1.1
1.2
1.2
1.3
1.5
1.5
1.6
1.8
1.8
2.0
2.2
2.2
2.4
2.7
2.7
3.0
3.3
3.3
3.6
3.9
3.9
4.3
4.7
4.7
5.1
5.6
5.6
6.2
6.8
6.8
7.5
8.2
8.2
9.1
1.0
1.0
1.5
2.2
2.2
3.3
4.7
4.7
6.8
Multilayer Ceramic Chip Capacitors
Temperature Characteristics and Tolerance


Similar Part No. - CM05X7R223K16AH

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-101 FENGJUI-CM0502FB-101 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-102 FENGJUI-CM0502FB-102 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-142 FENGJUI-CM0502FB-142 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-251 FENGJUI-CM0502FB-251 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CM05X7R223K16AH

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com