Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA0JAM471X Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECA0JAM471X
Description  ENGINEERING DRAFT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA0JAM471X Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECA0JAM471X Datasheet HTML 3Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 4Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 5Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 6Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 7Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 8Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 9Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 10Page - Panasonic Semiconductor ECA0JAM471X Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Engineering Draft
CE-AAMX-CEM-1
A type AM series X type
5
Parts lists
Tangent Leakage Rated Ripple
Part No.
W .V.
Cap.
of loss
Current
Current
[V.DC]
[µF]
angle
[µA]
[m A rm s]
max.
max.
max.
(120Hz)
(120Hz)
(After
(120Hz)
(20℃ )(20℃ )
2 m in.)
(85℃ )
φDL
φd
ECA1JAM 100X
63
10
0.11
6.3
70
5
11
0.5
ECA1JAM 220X
63
220.11
13.8105
5
11
0.5
ECA1JAM 330X
63
33
0.11
20.7
130
6.3
11.2
0.5
ECA1JAM 470X
63
47
0.11
29.6
160
6.3
11.2
0.5
ECA1JAM 101X
63
100
0.11
63.0
270
8
11.5
0.6
ECA1JAM 221X
63
220
0.11
138.6
450
10
16
0.6
ECA1JAM 331X
63
330
0.11
207.9
550
10
20
0.6
ECA1JAM 471X
63
470
0.11
296.1
750
12.5
20
0.6
ECA1JAM 102X
63
1000
0.11
630.0
1100
16
25
0.8
ECA1JAM 222X
63
2200
0.13
1386.0
1400
18
35.5
0.8
ECA2AAM R47X
100
0.47
0.10
3.0
10
5
11
0.5
ECA2AAM 010X
100
1.0
0.10
3.0
20
5
11
0.5
ECA2AAM 2R2X
100
2.2
0.10
3.0
30
5
11
0.5
ECA2AAM 3R3X
100
3.3
0.10
3.3
40
5
11
0.5
ECA2AAM 4R7X
100
4.7
0.10
4.7
50
5
11
0.5
ECA2AAM 100X
100
10
0.10
10.0
70
5
11
0.5
ECA2AAM 220X
100
22
0.10
22.0
115
6.3
11.2
0.5
ECA2AAM 330X
100
33
0.10
33.0
145
8
11.5
0.6
ECA2AAM 470X
100
47
0.10
47.0
180
8
11.5
0.6
ECA2AAM 101X
100
100
0.10
100.0
350
10
16
0.6
ECA2AAM 221X
100
220
0.10
220.0
550
12.5
20
0.6
ECA2AAM 331X
100
330
0.10
330.0
700
12.5
25
0.6
ECA2AAM 471X
100
470
0.10
470.0
900
16
25
0.8
ECA2AAM 102X
100
1000
0.10
1000.0
1300
18
35.5
0.8
Dim .[ mm ]
Panasonic Electronic Devices Co.,Ltd.


Similar Part No. - ECA0JAM471X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JAK101X PANASONIC-ECA0JAK101X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
ECA0JAK221X PANASONIC-ECA0JAK221X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
ECA0JAK470X PANASONIC-ECA0JAK470X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
More results

Similar Description - ECA0JAM471X

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
BCM4705 BOARDCOM-BCM4705 Datasheet
272Kb / 2P
   Intensi-fi Gigabit Ethernet Draft-802.11n Processor
logo
Tyco Electronics
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Molex Electronics Ltd.
190451000_SD MOLEX-190451000_SD Datasheet
502Kb / 5P
   ENGINEERING SPECIFICATION
2019 / 09 / 19
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
List of Unclassifed Man...
PEM119020 ETC1-PEM119020 Datasheet
487Kb / 8P
   Engineering Demonstrator
logo
United Chemi-Con, Inc.
ELLA6R3E CHEMI-CON-ELLA6R3E Datasheet
54Kb / 2P
   Engineering Bulletin
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
   Engineering Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com