Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # 0402
Description  SMD Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

0402 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  0402 Datasheet HTML 1Page - UNIOHM CORPORATION 0402 Datasheet HTML 2Page - UNIOHM CORPORATION 0402 Datasheet HTML 3Page - UNIOHM CORPORATION 0402 Datasheet HTML 4Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Thick Film Chip Resistors
2
RATINGS
Resistance Range
TYPE
Rated
Power
At 70℃
Max
Working
Voltage
Max
Overload
Voltage
T.C.R
(PPM/℃)
B(±0.1%)
D(±0.5%)
F(±1%)
G(±2%)
J(±5%)
K(±10%)
Jumper
Rated
Current
Jumper
Resistance
Value
Operation
Temperature
Range
+500~-200
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+300~-300
10Ω~990Ω 10Ω~990Ω 10Ω~990Ω
RP04
(0402)
0.0625W 50V
100V
+200~-200 10Ω~1MΩ 1KΩ~1MΩ 1KΩ~1MΩ 1KΩ~1MΩ
1
50mΩ
Max
+400~-400
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+200~-200
10Ω~1MΩ 10Ω~10MΩ
RP06
(0603)
0.1W
50V
100V
+100~-100 10Ω~1MΩ 10Ω~1MΩ
1
50mΩ
Max
+400~-400
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+200~-200
10Ω~1MΩ 10Ω~10MΩ
RP08
(0805)
0.125W 150V
300V
+100~-100 10Ω~1MΩ 10Ω~1MΩ
1
50mΩ
Max
+400~-400
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+200~-200
10Ω~1MΩ 10Ω~10MΩ
RP12
(1206)
0.25W 200V
400V
+100~-100 10Ω~1MΩ 10Ω~1MΩ
2
50mΩ
Max
+400~-400
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+200~-200
10Ω~1MΩ 10Ω~10MΩ
RP10
(1210)
0.333W 200V
400V
+100~-100 10Ω~1MΩ 10Ω~1MΩ
2
50mΩ
Max
+400~-400
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+200~-200
10Ω~1MΩ 10Ω~10MΩ
RP20
(1210)
0.5W
200V
400V
+100~-100 10Ω~1MΩ 10Ω~1MΩ
2
50mΩ
Max
+400~-400
1Ω~9.9Ω
1Ω~9.9Ω
1Ω~9.9Ω
+200~-200
10Ω~1MΩ 10Ω~10MΩ
RP25
(2512)
1W
200V
400V
+100~-100 10Ω~1MΩ 10Ω~1MΩ 10Ω~10MΩ
2
50mΩ
Max
-55℃
+125℃
Uniohm Corporation


Similar Part No. - 0402

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0402 KEMET-0402 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Tyco Electronics
0402 MACOM-0402 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
M/A-COM Technology Solu...
0402 MA-COM-0402 Datasheet
131Kb / 3P
   Type CRG Series
logo
Bivar, Inc.
0402 BIVAR-0402 Datasheet
533Kb / 5P
   SURFACE MOUNT LED YELLOW, 0402 PACKAGE
Revision B 06/20
0402 BIVAR-0402 Datasheet
527Kb / 5P
   SURFACE MOUNT LED WHITE, 0402 PACKAGE
Revision C 06/20
More results

Similar Description - 0402

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com