Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X10D1-M1J-T Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2E-X10D1-M1J-T
Description  Cylindrical Proximity Sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X10D1-M1J-T Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2E-X10D1-M1J-T Datasheet HTML 1Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 2Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 3Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 4Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 5Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 6Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 7Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 8Page - Omron Electronics LLC E2E-X10D1-M1J-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
E2E/E2E2
E2E/E2E2
3
DC 3-wire/Pre-wired Models
Type
Size
Sensing
distance
Output
configuration
Part number
Shielded
4 dia
.*
0.8 mm
NPN NO
E2E-CR8C1
(see note 2)
NPN NC
E2E-CR8C2
PNP NO
E2E-CR8B1
M5
*
1 mm
NPN NO
E2E-X1C1
(see note 2)
NPN NC
E2E-X1C2
PNP NO
E2E-X1B1
5.4 dia.
*
1 mm
NPN NO
E2E-C1C1
(see note 2)
NPN NC
E2E-C1C2
PNP NO
E2E-C1B1
M8
1.5 mm
NPN NO
E2E-X1R5E1
(see note 2)
NPN NC
E2E-X1R5E2
PNP NO
E2E-X1R5F1
(see note 2)
PNP NC
E2E-X1R5F2
M12
2 mm
NPN NO
E2E-X2E1
(see notes 1 and 2)
NPN NC
E2E-X2E2
PNP NO
E2E-X2F1
(see note 2)
PNP NC
E2E-X2F2
M18
5 mm
NPN NO
E2E-X5E1
(see notes 1 and 2)
NPN NC
E2E-X5E2
PNP NO
E2E-X5F1
(see note 2)
PNP NC
E2E-X5F2
M30
10 mm
NPN NO
E2E-X10E1
(see notes 1 and 2)
NPN NC
E2E-X10E2
PNP NO
E2E-X10F1
(see note 2)
PNP NC
E2E-X10F2
Un-
shielded
M8
2 mm
NPN NO
E2E-X2ME1
(see note 2)
NPN NC
E2E-X2ME2
PNP NO
E2E-X2MF1
(see note 2)
PNP NC
E2E-X2MF2
M12
5 mm
NPN NO
E2E-X5ME1
(see notes 1 and 2)
NPN NC
E2E-X5ME2
PNP NO
E2E-X5MF1
(see note 2)
PNP NC
E2E-X5MF2
M18
10 mm
NPN NO
E2E-X10ME1
(see notes 1 and 2)
NPN NC
E2E-X10ME2
PNP NO
E2E-X10MF1
(see note 2)
PNP NC
E2E-X10MF2
Type
Size
Sensing
distance
Output
configuration
Part number
Un-
shielded
M30
18 mm
NPN NO
E2E-X18ME1
(see notes 1 and 2)
NPN NC
E2E-X18ME2
PNP NO
E2E-X18MF1
(see note 2)
PNP NC
E2E-X18MF2
Note:
1. In addition to the above models, E2E-X
jE15 models
(e.g., E2E-X5E15), which are different in frequency from
the above models, are available.
2. E2E DC 3-wire with a robotics cable are available as
well. The model number of a model with a robotics cable
has the suffix “-R” (e.g., E2E-X5E1-R).
3. Those marked with “*” are not subject to any design
change and are the same as the conventional models.
AC 2-wire/Pre-wired Models
Type
Size
Sensing
distance
Output
configuration
Part number
Shielded
M8
1.5 mm
NO
E2E-X1R5Y1
NC
E2E-X1R5Y2
M12
2 mm
NO
E2E-X2Y1
(see note)
NC
E2E-X2Y2
(see note)
M18
5 mm
NO
E2E-X5Y1
(see note)
NC
E2E-X5Y2
(see note)
M30
10 mm
NO
E2E-X10Y1
(see note)
NC
E2E-X10Y2
(see note)
Un-
hi ld d
M8
2 mm
NO
E2E-X2MY1
Un
shielded
NC
E2E-X2MY2
M12
5 mm
NO
E2E-X5MY1
(see note)
NC
E2E-X5MY2
(see note)
M18
10 mm
NO
E2E-X10MY1
(see note)
NC
E2E-X10MY2
(see note)
M30
18 mm
NO
E2E-X18MY1
(see note)
NC
E2E-X18MY2
(see note)
Note:
In addition to the above models, E2E-X
jY15 models (e.g.,
E2E-X5Y15), which are different in frequency from the
above models, are available.


Similar Part No. - E2E-X10D1-M1J-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10D1-M1J-T OMRON-E2E-X10D1-M1J-T Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10D1-M1J-T OMRON-E2E-X10D1-M1J-T Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X10D1-M1J-T OMRON-E2E-X10D1-M1J-T Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10D1-M1J-T OMRON-E2E-X10D1-M1J-T Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10D1-M1J-T OMRON-E2E-X10D1-M1J-T Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E-X10D1-M1J-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com