Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1CAM222X Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECA1CAM222X
Description  ENGINEERING DRAFT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1CAM222X Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECA1CAM222X Datasheet HTML 4Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 5Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 6Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 7Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 8Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 9Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 10Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 11Page - Panasonic Semiconductor ECA1CAM222X Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Engineering Draft
CE-AAMX-CEM-1
A type AM series X type
6
Capacitance and Can Size Table
φD×L [mm]
V.DC
Cap (µF)
0.1
5×11
0.22
5×11
0.33
5×11
0.47
5×11
5×11
1.0
5×11
5×11
2.2
5×11
5×11
3.3
5×11
5×11
4.7
5×11
5×11
10
5×11
→→
5×11
5×11
5×11
22
5×11
→→
5×11
5×11
6.3×11.2
33
5×11
→→
5×11
6.3×11.2
8×11.5
47
5×11
5×11
6.3×11.2
6.3×11.2
8×11.5
100
5×11
6.3×11.2
6.3×11.2
8×11.5
8×11.5
10×16
220
5×11
6.3×11.2
8×11.5
10×12.5
10×16
12.5×20
330
6.3×11.2
8×11.5
10×12.5
10×16
10×20
12.5×25
470
6.3×11.2
8×11.5
10×12.5
10×16
10×20
12.5×20
16×25
1000
8×11.5
10×12.5
10×16
10×20
12.5×20
12.5×25
16×25
18×35.5
2200
10×16
10×20
12.5×20
12.5×25
16×25
16×31.5
18×35.5
3300
10×20
12.5×20
12.5×25
16×25
16×31.5
18×35.5
4700
12.5×20
12.5×25
16×25
16×31.5
18×35.5
6800
12.5×25
16×25
16×31.5
18×35.5
10000
16×25
16×31.5
18×35.5
15000
16×31.5
18×35.5
22000
18×35.5
Please refer to a high-ranking voltage for "→"
63
50
100
35
10
16
25
6.3
Panasonic Electronic Devices Co.,Ltd.


Similar Part No. - ECA1CAM222X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1CAM102X PANASONIC-ECA1CAM102X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
More results

Similar Description - ECA1CAM222X

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
BCM4705 BOARDCOM-BCM4705 Datasheet
272Kb / 2P
   Intensi-fi Gigabit Ethernet Draft-802.11n Processor
logo
Tyco Electronics
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Molex Electronics Ltd.
190451000_SD MOLEX-190451000_SD Datasheet
502Kb / 5P
   ENGINEERING SPECIFICATION
2019 / 09 / 19
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
List of Unclassifed Man...
PEM119020 ETC1-PEM119020 Datasheet
487Kb / 8P
   Engineering Demonstrator
logo
United Chemi-Con, Inc.
ELLA6R3E CHEMI-CON-ELLA6R3E Datasheet
54Kb / 2P
   Engineering Bulletin
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
   Engineering Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com