Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM361S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CFM361S
Description  360 WATT AC-DC POWER SUPPLY WITH PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFM361S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CFM361S Datasheet HTML 1Page - List of Unclassifed Manufacturers CFM361S Datasheet HTML 2Page - List of Unclassifed Manufacturers CFM361S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CFM361S Series
CFM361SXXXC Series
L
N
10 CFM min
10 CFM min
1
2
+5VBS
FAN output+
Note:Pull down Enable to activate PSU
CN8
0.393[10.00]
4.551[115.60]
5.000[127.00]
0.224[5.70]
+Vo
-Vo
LED
CN1
FAN
3
4
5
6
7
8
CN8:
PINCONNECTION
PIN FUNCTION PIN FUNCTION
1
2
3
4
8
7
6
5
+SENSE
GND
GND
FAN output-
-SENSE
ENABLE
5.390[136.94]
FAN
All Dimensions in inches[mm]
Tolerances: Inches:x.xxx=±0.02
Millimeters:x.xx=±0.5
Typical at 25
℃, 230Vac and 60% rated load, unless otherwise Specified


Similar Part No. - CFM361S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFM3 TOKO-CFM3 Datasheet
96Kb / 1P
   AM CERAMIC FILTERS
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M120 CINCON-CFM300M120 Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M240 CINCON-CFM300M240 Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M360 CINCON-CFM300M360 Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results

Similar Description - CFM361S

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS363-M ARTESYN-LPS363-M Datasheet
852Kb / 3P
   360 Watt AC-DC Power Supply
logo
TRACO Electronic AG
TXH360 TRACOPOWER-TXH360 Datasheet
3Mb / 4P
   AC/DC Power Supply TXH 360 Series, 360 Watt
Rev. October 21, 2020
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
   350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
CFM130M CINCON-CFM130M Datasheet
563Kb / 2P
   130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
logo
Wall Industries,Inc.
PS2K4 WALL-PS2K4 Datasheet
171Kb / 4P
   With PFC 2400 Watt Single Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com