Electronic Components Datasheet Search |
|
AT90S4433-8AI Datasheet(PDF) 1 Page - ATMEL Corporation |
|
AT90S4433-8AI Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 13 page 1 Pin Configurations TQFP Top View PDIP 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 (INT1) PD3 (T0) PD4 NC VCC GND NC XTAL1 XTAL2 PC1 (ADC1) PC0 (ADC0) NC AGND AREF NC AVCC PB5 (SCK) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 RESET (RXD) PD0 (TXD) PD1 (INT0) PD2 (INT1) PD3 (T0) PD4 VCC GND XTAL1 XTAL2 (T1) PD5 (AIN0) PD6 (AIN1) PD7 (ICP) PB0 PC5 (ADC5) PC4 (ADC4) PC3 (ADC3) PC2 (ADC2) PC1 (ADC1) PC0 (ADC0) AGND AREF AVCC PB5 (SCK) PB4 (MISO) PB3 (MOSI) PB2 (SS) PB1 (OC1) Features • High-performance and Low-power AVR® 8-bit RISC Architecture – 118 Powerful Instructions - Most Single Cycle Execution – 32 x 8 General Purpose Working Registers – Up to 8 MIPS Throughput at 8 MHz • Data and Nonvolatile Program Memory – 2K/4K Bytes of In-System Programmable Flash Endurance 1,000 Write/Erase Cycles – 128 Bytes of SRAM – 128/256 Bytes of In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles – Programming Lock for Flash Program and EEPROM Data Security • Peripheral Features – One 8-bit Timer/Counter with Separate Prescaler – Expanded 16-bit Timer/Counter with Separate Prescaler, Compare, Capture Modes and 8-, 9- or 10-bit PWM – On-chip Analog Comparator – Programmable Watchdog Timer with Separate On-chip Oscillator – Programmable UART – 6-channel, 10-bit ADC – Master/Slave SPI Serial Interface • Special Microcontroller Features – Brown-Out Reset Circuit – Enhanced Power-on Reset Circuit – Low-Power Idle and Power Down Modes – External and Internal Interrupt Sources • Specifications – Low-power, High-speed CMOS Process Technology – Fully Static Operation • Power Consumption at 4 MHz, 3V, 25 °C – Active: 3.4 mA – Idle Mode: 1.4 mA – Power Down Mode: <1 µA • I/O and Packages – 20 Programmable I/O Lines – 28-pin PDIP and 32-pin TQFP • Operating Voltage – 2.7V - 6.0V (AT90LS2333 and AT90LS4433) – 4.0V - 6.0V (AT90S2333 and AT90S4433) • Speed Grades – 0 - 4 MHz (AT90LS2333 and AT90LS4433) – 0 - 8 MHz (AT90S2333 and AT90S4433) Rev. 1042DS–04/99 8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash AT90S2333 AT90LS2333 AT90S4433 AT90LS4433 Preliminary Note: This is a summary document. For the complete 103 page document, please visit our Web site at www.atmel.com or e-mail at literature@atmel.com and request literature #1042D. |
Similar Part No. - AT90S4433-8AI |
|
Similar Description - AT90S4433-8AI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |