Electronic Components Datasheet Search
Selected language     English  â–¼


T-1000-ALX-SG Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. T-1000-ALX-SG
Description  Sparctube Products
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
Homogeneous
Material\
CASRN
No.
Construction
Element
(subpart)
Homogeneous
Material
Material
weight
[g]
Substances
if applicable
Materials
Mass %
Material
Mass % of
total unit
wt.
Subpart
mass of
total wt. (%)
Third Party Lab
Analysis
Copper
7440-50-8
99.2
48.48
1
Lateral
Electrodes
Tin plated Copper
0.892
Tin
7440-31-5
0.8
0.39
48.869
Pending
Aluminum oxide
1344-28-1
95
20.39
2
Ceramic
Ceramic
0.3918
Silicon dioxide
7631-86-9
5
1.07
21.465
Pending
Silver
7440-22-4
72
0.09
4
Brazing
material
Cusilâ„¢
0.0022
Copper
7440-50-8
28
0.03
0.121
Pending
5
Filler material
Gas
0.0007 Argon
7440-37-1
100
0.04
0.038
N/A
6
Marking
Blue Ink
0.0001
Ink (Proprietary
mixture)
N/A
100
0.005
0.005
Pending
Copper
7440-50-8
99
29.21
7
Leads
Tin plated Copper
0.5385
Tin
7440-31-5
1
0.30
29.502
Pending
 
 
TOTAL  
1.8253    
 
 
 
 
 
This Document was updated on: Nov, 2012
Important remarks:
1. It is the responsibility of the user to verify they are accessing the latest version.
2. Lead weight may change depending on lead wire configurations.
Product Part Number
ST-1000-ALX-SG/ST-1000-ABX-SG
Product Line
Spar
ctubeâ„¢ Products
MSL
1
RoHS Compliant
Yes
Compliance Date 11-2012
MATERIAL DECLARATION SHEET




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl