Electronic Components Datasheet Search |
|
CL-SB-13A-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
CL-SB-13A-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 11 page 1 2 3 4 5 6 ※Please refer to the LIST OF PART NUMBERS when placing orders. ● Wide variety (circuit composition, operating direction, terminal shape: J-hook, Gull wing, Through hole pins) ● Standardzation of the silver contacts as well as gold contacts ● Stroke is 2mm ● Using heat-resistant resin to support reflow soldering mounting ● Adopted Twin-contacts mechanism ■FEATURES INTERNAL STRUCTURE Part name ② ③ ④ ⑤ ⑥ Housing Slider Moving contact Fixed contact Terminal pin Material Flammability UL94 V-0 UL94 V-0 — — — Polyphenylenesulphide Polyamido ① Cover — Stainless steel (SUS 304) Copper alloy, gold or silver plate Copper alloy, gold or silver plate Copper alloy, gold or silver plate CL-SB SLIDE SWITCHES RoHS compliant ■PART NUMBER DESIGNATION CL - SB - 2 3 B - 0 2 T Series name No. of bits 1:1 pole 2:2 pole Contact material 1 :Silver 2 :Gold Setting position 0:Top setting 1:Side setting Form of packaging T:Taping Bulk in plastic bag Blank No. of contacts 2:2 contacts 3:3 contacts Shape of terminal A:J-hook B:Gull wing C:Through hole pins Specifications are subject to change without notice. Polyamide UL-94V-0 UL-94V-0 No. of poles pole poles No. of positions positions positions Blank : Bulk in plastic bag |
Similar Part No. - CL-SB-13A-01 |
|
Similar Description - CL-SB-13A-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |