Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG290 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EFM32GG290
Description  EFM32GG290 DATASHEET
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG290 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EFM32GG290 Datasheet HTML 4Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 5Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32GG290 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2012-09-11 - EFM32GG290FXX - d0037_Rev1.00
8
www.energymicro.com
Module
Configuration
Pin Connections
EBI_CSTFT, EBI_DCLK, EBI_DTEN,
EBI_HSNC, EBI_NANDREn,
EBI_NANDWEn, EBI_REn, EBI_VSNC,
EBI_WEn
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
I2C1
Full configuration
I2C1_SDA, I2C1_SCL
USART0
IrDA
US0_TX, US0_RX. US0_CLK, US0_CS
USART1
I2S
US1_TX, US1_RX, US1_CLK, US1_CS
USART2
I2S
US2_TX, US2_RX, US2_CLK, US2_CS
UART0
Full configuration
U0_TX, U0_RX
UART1
Full configuration
U1_TX, U1_RX
LEUART0
Full configuration
LEU0_TX, LEU0_RX
LEUART1
Full configuration
LEU1_TX, LEU1_RX
TIMER0
Full configuration with DTI.
TIM0_CC[2:0], TIM0_CDTI[2:0]
TIMER1
Full configuration
TIM1_CC[2:0]
TIMER2
Full configuration
TIM2_CC[2:0]
TIMER3
Full configuration
TIM3_CC[2:0]
RTC
Full configuration
NA
BURTC
Full configuration
NA
LETIMER0
Full configuration
LET0_O[1:0]
PCNT0
PCNT0_S[1:0]
PCNT1
8-bit count register
PCNT1_S[1:0]
PCNT2
8-bit count register
PCNT2_S[1:0]
ACMP0
Full configuration
ACMP0_CH[7:0], ACMP0_O
ACMP1
Full configuration
ACMP1_CH[7:0], ACMP1_O
VCMP
Full configuration
NA
ADC0
Full configuration
ADC0_CH[7:0]
DAC0
Full configuration
DAC0_OUT[1:0], DAC0_OUTxALT
OPAMP
Full configuration
Outputs: OPAMP_OUTx,
OPAMP_OUTxALT, Inputs:
OPAMP_Px, OPAMP_Nx
AES
Full configuration
NA
GPIO
90 pins
Available pins are shown in
Table 4.3 (p. 55)
2.3 Memory Map
The EFM32GG290 memory map is shown in Figure 2.2 (p. 9) , with RAM and Flash sizes for the
largest memory configuration.


Similar Part No. - EFM32GG290

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG290 SILABS-EFM32GG290 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32GG290F1024-BGA112 SILABS-EFM32GG290F1024-BGA112 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32GG290F512-BGA112 SILABS-EFM32GG290F512-BGA112 Datasheet
2Mb / 78P
   Memory Protection Unit
More results

Similar Description - EFM32GG290

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com