Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG380 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EFM32GG380
Description  EFM32GG380 DATASHEET
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG380 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EFM32GG380 Datasheet HTML 1Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 2Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 3Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 4Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 5Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG380 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2012-09-11 - EFM32GG380FXX - d0039_Rev1.00
5
www.energymicro.com
hold timing. Direct Drive is supported for TFT displays which do not have their own frame buffer. In
that case TFT Direct Drive can transfer data from either on-chip memory or from an external memory
device to the TFT at low CPU load. Automatic alpha-blending and masking is also supported for transfers
through the EBI interface.
2.1.12 Universal Serial Bus Controller (USB)
The USB is a full-speed USB 2.0 compliant OTG host/device controller. The USB can be used in Device,
On-the-go (OTG) Dual Role Device or Host-only configuration. In OTG mode the USB supports both
Host Negotiation Protocol (HNP) and Session Request Protocol (SRP). The device supports both full-
speed (12MBit/s) and low speed (1.5MBit/s) operation. The USB device includes an internal dedicated
Descriptor-Based Scatter/Garther DMA and supports up to 6 OUT endpoints and 6 IN endpoints, in
addition to endpoint 0. The on-chip PHY includes all OTG features, except for the voltage booster for
supplying 5V to VBUS when operating as host.
2.1.13 Inter-Integrated Circuit Interface (I2C)
The I
2C module provides an interface between the MCU and a serial I2C-bus. It is capable of acting as
both a master and a slave, and supports multi-master buses. Both standard-mode, fast-mode and fast-
mode plus speeds are supported, allowing transmission rates all the way from 10 kbit/s up to 1 Mbit/s.
Slave arbitration and timeouts are also provided to allow implementation of an SMBus compliant system.
The interface provided to software by the I
2C module, allows both fine-grained control of the transmission
process and close to automatic transfers. Automatic recognition of slave addresses is provided in all
energy modes.
2.1.14 Universal Synchronous/Asynchronous Receiver/Transmitter (US-
ART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible
serial I/O module. It supports full duplex asynchronous UART communication as well as RS-485, SPI,
MicroWire and 3-wire. It can also interface with ISO7816 SmartCards, I2S devices and IrDA devices.
2.1.15 Pre-Programmed Serial Bootloader
The bootloader presented in application note AN0003 is pre-programmed in the device at factory. Auto-
baud and destructive write are supported. The autobaud feature, interface and commands are described
further in the application note.
2.1.16 Universal Asynchronous Receiver/Transmitter (UART)
The Universal Asynchronous serial Receiver and Transmitter (UART) is a very flexible serial I/O module.
It supports full- and half-duplex asynchronous UART communication.
2.1.17 Low Energy Universal Asynchronous Receiver/Transmitter
(LEUART)
The unique LEUART
TM, the Low Energy UART, is a UART that allows two-way UART communication on
a strict power budget. Only a 32.768 kHz clock is needed to allow UART communication up to 9600 baud/
s. The LEUART includes all necessary hardware support to make asynchronous serial communication
possible with minimum of software intervention and energy consumption.
2.1.18 Timer/Counter (TIMER)
The 16-bit general purpose Timer has 3 compare/capture channels for input capture and compare/Pulse-
Width Modulation (PWM) output. TIMER0 also includes a Dead-Time Insertion module suitable for motor
control applications.


Similar Part No. - EFM32GG380

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG380F1024-QFP100 SILABS-EFM32GG380F1024-QFP100 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG380F512-QFP100 SILABS-EFM32GG380F512-QFP100 Datasheet
2Mb / 78P
   Read-while-write support
More results

Similar Description - EFM32GG380

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com