Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHF1206CNT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CHF1206CNT
Description  Selecting the Right Resistor for Your Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF1206CNT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CHF1206CNT Datasheet HTML 1Page - Bourns Electronic Solutions CHF1206CNT Datasheet HTML 2Page - Bourns Electronic Solutions CHF1206CNT Datasheet HTML 3Page - Bourns Electronic Solutions CHF1206CNT Datasheet HTML 4Page - Bourns Electronic Solutions CHF1206CNT Datasheet HTML 5Page - Bourns Electronic Solutions CHF1206CNT Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Selecting the Right Resistor for Your Application
Bourns® Resistive Products
1/11 • e/N1064
CR Series
CRT/CRL Series
CAT/CAY Series
4816P
CHF9838CNF Series
CRT Series Chip Resistors
Table 1
Overview of Resistor Families
Regardless of the application, a resistor is essentially a current control, voltage drop product.
Additionally, Bourns® components can be designed to withstand unique application challenges like an
overcurrent pulse for a short duration without significant changes of resistor characteristics. Bourns®
Fixed Resistors can be defined by construction type (thick film, wirewound, etc.), the way they are
processed, (through-hole, surface mount, etc.) the intended use (current sense, high frequency, etc.),
accuracy, size, power or many other ways. Each resistor does two main things: control current and
control a drop in voltage.
Bourns also has a very broad offering of resistor network (Model 4xxx Series), in a wide selection of
industry standard models. Therefore, they can be used with an industry standard footprint for seamless
placement in printed circuit board designs.
Bourns® chip resistors are available in various package sizes, standard values and technologies
which are designed to meet most market requirements including those for specific application and
performance characteristics.
Bourns® CRL series resistors offer total resistance values less than those required by industry standards
providing engineers enhanced circuit design flexibility.
When more precision is desired, Bourns® CRT series provides tight tolerance and high precision over
a wide range of resistance values. These resistors are typically used in current sense applications and
precision circuits, with specific ordering characteristics for size and performance selection.
Model
Power
Max.
Voltage
Max.
Overload
TCR
Options
(PPM/°C)
TR Range
Absolute
Tolerance
CRT0402
0.063 W
25 V
50 V
5, 10, 15, 20, 25
10 Ω - 205 kΩ
0.01 % - 1 %
CRT0603
0.1 W
50 V
100 V
10 Ω - 1 M
CRT0805
0.125 W
100 V
200 V
2 Ω - 2 M
CRT1206
.25 W
150 V
300 V
1Ω - 2.5 M


Similar Part No. - CHF1206CNT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF1206CNT BOURNS-CHF1206CNT Datasheet
165Kb / 1P
   20 W Power RF Chip Termination
CHF1206CNT500LW BOURNS-CHF1206CNT500LW Datasheet
154Kb / 1P
   20 W Power RF Chip Termination
CHF1206CNT500LX BOURNS-CHF1206CNT500LX Datasheet
165Kb / 1P
   20 W Power RF Chip Termination
CHF1206CNT500LY BOURNS-CHF1206CNT500LY Datasheet
165Kb / 1P
   20 W Power RF Chip Termination
CHF1206CNT500LZ BOURNS-CHF1206CNT500LZ Datasheet
165Kb / 1P
   20 W Power RF Chip Termination
More results

Similar Description - CHF1206CNT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
logo
List of Unclassifed Man...
88950400 ETC2-88950400 Datasheet
84Kb / 2P
   Highlight the data of your automation application
logo
Vishay Siliconix
RS01A VISHAY-RS01A Datasheet
101Kb / 3P
   Fast Acting, Molded Styles Custom Designed For Your Application
Revision: 02-Aug-07
RS VISHAY-RS Datasheet
79Kb / 3P
   Fast Acting, Molded Styles, Custom Designed For Your Application
01-Jan-2022
logo
STMicroelectronics
AN3209 STMICROELECTRONICS-AN3209 Datasheet
828Kb / 42P
   Developing your M24LR64-R datalogger application for temperature acquisition
logo
List of Unclassifed Man...
XTRA-GUARD1 ETC2-XTRA-GUARD1 Datasheet
1Mb / 8P
   Performance as tough as your application
logo
Mallory Sonalert Produc...
PF-27A35EPQ MSPI-PF-27A35EPQ Datasheet
118Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ MSPI-PF-20A35EWQ Datasheet
106Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ-MX MSPI-PF-20A35EWQ-MX Datasheet
101Kb / 1P
   Contact Mallory Sonalert to discuss your application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com