Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502AS-15JC44 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1502AS-15JC44
Description  High Performance E2PROM CPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS-15JC44 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1502AS-15JC44 Datasheet HTML 2Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 3Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 4Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 5Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 6Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 7Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 8Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 9Page - ATMEL Corporation ATF1502AS-15JC44 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ATF1502AS
6
JTAG-BST/ISP Overview
The JTAG boundary-scan testing is controlled by the Test
Access Port (TAP) controller in the ATF1502AS. The
boundary-scan technique involves the inclusion of a shift-
register stage (contained in a boundary-scan cell) adjacent
to each component so that signals at component bound-
aries can be controlled and observed using scan testing
methods. Each input pin and I/O pin has its own boundary
scan cell (BSC) to support boundary scan testing. The
ATF1502AS does not include a Test Reset (TRST) input
pin because the TAP controller is automatically reset at
power up. The five JTAG modes supported include: SAM-
PLE/PRELOAD, EXTEST, BYPASS, IDCODE and HIGHZ.
The ATF1502AS’s ISP can be fully described using JTAG’s
BSDL as described in IEEE Standard 1149.1b. This allows
ATF1502AS programming to be described and imple-
mented using any one of the 3rd party development tools
supporting this standard.
The ATF1502AS has the option of using four JTAG-stan-
dard I/O pins for boundary scan testing (BST) and in-sys-
tem programming (ISP) purposes. The ATF1502AS is
programmable through the four JTAG pins using the IEEE
standard JTAG programming protocol established by IEEE
Standard 1149.1 using 5V TTL-level programming signals
from the ISP interface for in-system programming. The
JTAG feature is a programmable option. If JTAG (BST or
ISP) is not needed, then the four JTAG control pins are
available as I/O pins.
JTAG Boundary Scan Cell (BSC)
Testing
The ATF1502AS contains up to 32 I/O pins and 4 input
pins, depending on the and package type selected. Each
input pin and I/O pin has its own boundary scan cell (BSC)
in order to support boundary scan testing as described in
detail by IEEE Standard 1149.1. Typical BSC consists of
three capture registers or scan registers and up to two
update registers. There are two types of BSCs, one for
input or I/O pin, and one for the macrocells. The BSCs in
the device are chained together through the capture regis-
ters. Input to the capture register chain is fed in from the
TDI pin while the output is directed to the TDO pin. Capture
registers are used to capture active device data signals, to
shift data in and out of the device and to load data into the
update registers. Control signals are generated internally
by the JTAG TAP controller. The BSC configuration for the
input and I/O pins and macrocells are shown below.
BSC Configuration for Input and I/O
Pins (except JTAG TAP Pins)
Note:
The ATF1502AS has pull-up option on TMS and TDI
pins. This feature is selected as a design option.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Case)
0
°C - 70°C-40°C - 85°C
V
CCINT or VCCIO (5V) Power
Supply
5V
± 5%
5V
± 10%
V
CCIO (3.3V) Power Supply
3.0V - 3.6V
3.0V - 3.6V


Similar Part No. - ATF1502AS-15JC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS-15JC44 ATMEL-ATF1502AS-15JC44 Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS-15JC44 ATMEL-ATF1502AS-15JC44 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502AS-15JC44

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
   XC9500XL High-Performance CPLD Family Data Sheet
logo
ATMEL Corporation
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com