Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504AS-10JC68 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1504AS-10JC68
Description  High- Performance EE CPLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS-10JC68 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1504AS-10JC68 Datasheet HTML 7Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 8Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 9Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 10Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 11Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 12Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 13Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 14Page - ATMEL Corporation ATF1504AS-10JC68 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ATF1504ASZ
11
Notes:
1. See ordering information for valid part numbers.
2. The t
RPA parameter must be added to the tLAD, tLAC,tTIC, tACL, and tSEXP parameters for macrocells running in the reduced-
power mode.
AC Characteristics (Continued)
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
ZX1
Output Buffer Enable Delay
(Slow slew rate = OFF;
V
CCIO = 5.0V; CL = 35 pF)
4.0
5.0
7
9
10
ns
t
ZX2
Output Buffer Enable Delay
(Slow slew rate = OFF;
V
CCIO = 3.3V; CL = 35 pF)
4.5
5.5
7
9
10
ns
t
ZX3
Output Buffer Enable Delay
(Slow slew rate = ON;
V
CCIO = 5.0V/3.3V; CL = 35 pF)
9
9
10
11
12
ns
t
XZ
Output Buffer Disable Delay
(C
L = 5 pF)
456
78
ns
t
SU
Register Setup Time
3
34
56
ns
t
H
Register Hold Time
2
34
56
ns
t
FSU
Register Setup Time of Fast Input
3
32
23
ns
t
FH
Register Hold Time of Fast Input
0.5
0.5
2
2
2.5
ns
t
RD
Register Delay
121
22
ns
t
COMB
Combinatorial Delay
121
22
ns
t
IC
Array Clock Delay
356
78
ns
t
EN
Register Enable Time
356
78
ns
t
GLOB
Global Control Delay
111
11
ns
t
PRE
Register Preset Time
234
56
ns
t
CLR
Register Clear Time
234
56
ns
t
UIM
Switch Matrix Delay
112
22
ns
t
RPA
Reduced-Power Adder(2)
10
11
13
14
15
ns
Input Test Waveforms and
Measurement Levels
tR, tF = 1.5 ns typical
Output AC Test Loads
Note:
*Numbers in parenthesis refer to 3.0V operating condi-
tions (preliminary).
(3.0V)*
(703 )*
(8060 )*
= Preliminary Information


Similar Part No. - ATF1504AS-10JC68

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS-10JC68 ATMEL-ATF1504AS-10JC68 Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS-10JC68 ATMEL-ATF1504AS-10JC68 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS-10JC68

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com