Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHF2010CNP500LXE Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CHF2010CNP500LXE
Description  10 W Power RF Chip Termination/Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF2010CNP500LXE Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CHF2010CNP500LXE Datasheet HTML 1Page - Bourns Electronic Solutions CHF2010CNP500LXE Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CHF2010xNP Series 10 W Power RF Chip Termination/Resistor
Packaging Dimensions
REV. 11/10
2.0
(.080)
20.5
(.807)
13.0 ± 0.5
(.512 ± .020)
1.0 ± 0.2
(.040 ± .008)
12.5 ± 0.2
(0.5 ± .008)
4.0 ± 0.1
(.157 ± .004)
ORIENTATION OF CHIP
CHF2010CNP500LXF
ORIENTATION
OF CHIP
CHF2010XNPXXXL/RE
1.75 ± 0.1
(.050 ± .004)
63.0 ± 0.2
(2.5 ± .008)
254.0 ± 0.2
(10.0 ± .008)
12.0 ± 0.2
(.47 ± .008)
5.5 ± 0.05
(0.22 ± .002)
5.6 ± 0.1
(.221 ± .004)
2.0 ± 0.05
(.08 ± .002)
4.0 ± 0.1
(.157 ± .004)
MAXIMUM CAMBER:
1.5 +0.1/-0
(.056 +.004/-0)
1.0
(.040)
CUMULATIVE TOLERANCE OVER 10 HOLES:
0.2
(.008)
8.0 ± 0.1
(.315 ± .004)
DIMENSIONS:
MM
(INCHES)
How to Order
CHF 2010 C N P 500 L X E
Model
Package
Version
C = 5 % Tolerance
D = 2 % Tolerance
Substrate
Mount
P = Printed Circuit Board
Resistance Code
500 = 50 Ohm
101 = 100 Ohm
Type
L = Termination (One Lead)
R = Resistor (Two Leads)
Plating
X = NiAu
Packaging
Blank = Bulk (100 pcs./bag)
E = Tape & Reel (2,000 pcs./10 ” reel, Orientation of Input Terminal Away from Sprocket)
*F = Tape & Reel (2,000 pcs./10 ” reel, Orientation of Input Terminal Facing from Sprocket)
*Packaging Option F is only available on CHF2010CNP500LXF.


Similar Part No. - CHF2010CNP500LXE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF2010CNP500LXE BOURNS-CHF2010CNP500LXE Datasheet
188Kb / 2P
   10 W Power RF Chip Termination
CHF2010CNP500LXE BOURNS-CHF2010CNP500LXE Datasheet
217Kb / 2P
   Series 10 W Power RF Chip Termination/Resistor
CHF2010CNP500LXE BOURNS-CHF2010CNP500LXE Datasheet
75Kb / 1P
   RF Power Resistors
More results

Similar Description - CHF2010CNP500LXE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF2010XNP BOURNS-CHF2010XNP Datasheet
217Kb / 2P
   Series 10 W Power RF Chip Termination/Resistor
CHF2010CNP BOURNS-CHF2010CNP Datasheet
188Kb / 2P
   10 W Power RF Chip Termination
CHF190104CBF BOURNS-CHF190104CBF Datasheet
205Kb / 1P
   800 W Power RF Flanged Chip Termination/Resistor
CHF190104XBF BOURNS-CHF190104XBF Datasheet
185Kb / 1P
   800 W Power RF Flanged Chip Termination/Resistor
CHF190104CBF500L BOURNS-CHF190104CBF500L Datasheet
185Kb / 1P
   800 W Power RF Flanged Chip Termination/Resistor
CHF190104CBF101R BOURNS-CHF190104CBF101R Datasheet
185Kb / 1P
   CHF190104xBF Series 800 W Power RF Flanged Chip Termination/Resistor
CHF1206CNT BOURNS-CHF1206CNT Datasheet
165Kb / 1P
   20 W Power RF Chip Termination
CHF3523CNT BOURNS-CHF3523CNT Datasheet
174Kb / 1P
   150 W Power RF Chip Termination
CHF1206CNT500LW BOURNS-CHF1206CNT500LW Datasheet
154Kb / 1P
   20 W Power RF Chip Termination
CHF5225CNF BOURNS-CHF5225CNF_07 Datasheet
194Kb / 1P
   60 W Power RF Flanged Chip Termination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com