Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7914J-1-000E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7914J-1-000E
Description  7914 4 mm SMD & Through-hole Sealed Key Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7914J-1-000E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7914J-1-000E Datasheet HTML 1Page - Bourns Electronic Solutions 7914J-1-000E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.00
(.197)
0.20 ± 0.10
(.008 ± .004)
2
1
2
1
DIA.
4.50
(.177)
7914H
Through-hole
0.80
(.031)
RECOMMENDED PCB LAYOUT
2.54
(.100)
2 PLCS.
2.54
(.100)
2 PLCS.
2.54
(.100)
TYP.
0.76
(.030)
TYP.
0.76
(.030)
6.20 ± 0.10
(.244 ± .004)
5.00 +0.10/-0.15
(.197 +.004/-.006)
5.00
(.197)
4.50
(.177)
5.00
(.197)
2.39
(.094)
DIA.
2.17
(.085)
4.00
(.157)
TYP.
TYP.
0.76
(.030)
2
1
2
1
4.50
(.177)
2.54
(.100)
1.23
(.048)
0.20
(.008)
7914J
J-Hook
2.39
(.094)
DIA.
RECOMMENDED PCB LAYOUT
TYP.
1.78
(.070)
TYP.
2.54
(.100)
1.27
(.050)
3.81
(.150)
4.50
(.177)
5.00
(.197)
L
2.54
(.100)
5.00
(.197)
7914S
Right Angle
RECOMMENDED PCB LAYOUT
1
2
2.54
(.100)
1.3
TYP.
(.051)
2.33
(.092)
1.25
TYP.
(.049)
5.00
(.197)
0.2
± 0.13
(.008
± .005)
0.13
± 0.05
(.005
± .002)
5.18
(.204)
2.75
(.108)
0.76
(.030)
0.89
(.035)
0.78
(.031)
1.5
(.059)
DIA.
L
3.89
(.153)
5.44
(.214)
2.38
(.094)
2.54
(.100)
2.86
(.113)
TYP.
2
1
2
1
4.50
(.177)
4.50
(.177)
2.54
(.100)
0.60
(.024)
±5
° TYP.
7914G
Gull Wing
2.54
(.100)
2.39
(.094)
DIA.
TYP.
2.54
(.100)
1.27
(.050)
RECOMMENDED PCB LAYOUT
TYP.
1.27
(.050)
0.76 ± 0.10
(.030 ± .004)
TYP.
5.50
(.216)
5.00
(.197)
6.20
(.244)
4.93
(.194)
0.28
± 0.20
(.011
± .008)
0.20
± 0.08
(.008
± .003)
5.00
(.197)
0.48
± 0.2
(.019
± .008)
1.68
(.066)
0.38
± 0.2
(.015
± .008)
1
2
2
1
SPST N.O.
RECOMMENDED POLARITY
-
-
+
+
1
2
2
1
SPST N.O.
RECOMMENDED POLARITY
-
-
+
+
1
2
2
1
SPST N.O.
RECOMMENDED POLARITY
-
-
+
+
1
2
2
1
SPST N.O.
RECOMMENDED POLARITY
-
-
+
+
L
L
Features
Compatible with most surface mount
soldering processes
Compatible with popular vacuum pick-and
place equipment
J-hook, gull-wing & pinned configurations
Sealed for board washing
Meets EIA/EIAJ/IPC/VRCI SMD standard
outline dimensions
Top or side actuated
■ RoHS compliant*
■ For switch applications/processing
guidelines, click here
7914 4 mm SMD & Through-hole Sealed Key Switch
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Contact Rating
Maximum Current .............. 100 mA max.
Maximum Voltage ............................16 V
Contact Resistance ..... 100 milliohms max.
Insulation Resistance .. 100 megohms min.
Dielectric Strength ........................250 VAC
General Characteristics
Switch Type .........................Normally open
Operating Temperature Range
....................................-55 °C to +125 °C
Storage Temperature Range
....................................-55 °C to +125 °C
Seal Test...........................85 °C Fluorinert
Vibration ............................................. 20 G
Shock................................................ 100 G
Mechanical Characteristics
Actuator Force ......................... 300 ± 100 g
Pushover Strength (S Style)
........................... 0.9 kilograms minimum
Cycle life, loaded ..........100,000 actuations
Contact resistance....... 100 milliohms max.
Physical Characteristics
Cover Material .....................Stainless steel
Base Material....... Thermoplastic, UL94V-0
Terminal Material .............Phosphor bronze
Dome Material .....................Stainless steel
Actuator Material ............ High temperature
silicon rubber
Marking...................... Manufacturer’s code
and date code
Packaging Options
J & G ................... 500 pcs./reel (MSL-1);
50 pcs./tube
S........................... 200 pcs./reel (MSL-1)
H ......................................... 50 pcs./tube
Product Dimensions
How to Order
7914 J - 1 - 000 E
Model
Terminal
J = J-Hook
H = Through-hole
G = Gull Wing S = Right Angle
Switch Type
1 = N.O. Au Contacts
Product Code for Button Height
“L” (For All Styles) from Top of Lid
000 = 1.65 mm
024 = 0.08 mm (Flush)
032 = 0.89 mm
050 = 2.67 mm (available in tube pack only
for J, G & H Styles, tape &
reel only for S Style)
Packaging Code (MSL-1)
Blank = Tube (for J, G & H Styles)
E = Plastic Embossed Tape & Reel (for J, G
& S Styles)
Note: S Style is only available in tape and
reel.
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
±0.3
(.012)
EXCEPT WHERE NOTED.


Similar Part No. - 7914J-1-000E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7914J-1-000E BOURNS-7914J-1-000E Datasheet
254Kb / 2P
   4 mm SMD & Through-hole Sealed Key Switch
7914J-1-000E BOURNS-7914J-1-000E Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
More results

Similar Description - 7914J-1-000E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7914 BOURNS-7914 Datasheet
254Kb / 2P
   4 mm SMD & Through-hole Sealed Key Switch
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
7829 BOURNS-7829 Datasheet
422Kb / 1P
   6 mm Through-hole Sealed Rotary Switch
STSS BOURNS-STSS Datasheet
215Kb / 2P
   SMD 4 mm Sealed Tact Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
   SMD 4 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
   7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
logo
Molex Electronics Ltd.
0955032441 MOLEX11-0955032441 Datasheet
200Kb / 5P
   4/4 JACK THROUGH HOLE NO KEY VERSION
logo
Bourns Electronic Solut...
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com