Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33174 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MC33174
Description  Radial Leaded PTC Resettable Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC33174 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MC33174 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC33174 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC33174 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.1
11/09/12
Radial Leaded
PTC Resettable Fuse
Lead Size : 24AWG
ø
0.51mm Diameter
Lead Size : 20AWG
ø
0.81mm Diameter
Dimensions
Part Number
A
Max.
B
Max.
C
Typical
D
Min.
E
Max.
F
Typical
Drawing Option
MC36184
7.4
12.7
5.1
7.6
3.1
1.1
Option 1
MC36185
MC36186
MC33171
MC33172
MC33173
13
MC36190
12.7
MC33174
7.6
13.5
MC33175
7.9
13.7
MC36193
9.7
14
MC33176
9.7
14.5
MC33177
10.4
15.2
MC33178
11.7
15.8
MC33179
13
18
1.4
Option 2
MC33180
14.5
19.6
MC33181
16.3
21.3
MC33182
17.8
22.9
MC33183
21.3
26.4
10.2
MC33184
24.9
30
MC33185
28.5
33.5
Dimensions : Millimetres
Thermal Derating Curve


Similar Part No. - MC33174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33174 STMICROELECTRONICS-MC33174 Datasheet
50Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
April 2002
logo
ON Semiconductor
MC33174 ONSEMI-MC33174 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
List of Unclassifed Man...
MC33174 ETC1-MC33174 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33174 ETC2-MC33174 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
More results

Similar Description - MC33174

ManufacturerPart #DatasheetDescription
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/07
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/23
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FUSB RFE-FUSB Datasheet
260Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/29
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com