Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33175 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MC33175
Description  Radial Leaded PTC Resettable Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC33175 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MC33175 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC33175 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC33175 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <3>
V1.1
11/09/12
Radial Leaded
PTC Resettable Fuse
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
100mA Radial Leaded PTC Resettable Fuse
MC36184
150mA Radial Leaded PTC Resettable Fuse
MC36185
170mA Radial Leaded PTC Resettable Fuse
MC36186
200mA Radial Leaded PTC Resettable Fuse
MC33171
250mA Radial Leaded PTC Resettable Fuse
MC33172
300mA Radial Leaded PTC Resettable Fuse
MC33173
350mA Radial Leaded PTC Resettable Fuse
MC36190
400mA Radial Leaded PTC Resettable Fuse
MC33174
500mA Radial Leaded PTC Resettable Fuse
MC33175
550mA Radial Leaded PTC Resettable Fuse
MC36193
650mA Radial Leaded PTC Resettable Fuse
MC33176
750mA Radial Leaded PTC Resettable Fuse
MC33177
900mA Radial Leaded PTC Resettable Fuse
MC33178
1.1A Radial Leaded PTC Resettable Fuse
MC33179
1.35A Radial Leaded PTC Resettable Fuse
MC33180
1.6A Radial Leaded PTC Resettable Fuse
MC33181
1.85A Radial Leaded PTC Resettable Fuse
MC33182
2.5A Radial Leaded PTC Resettable Fuse
MC33183
3A Radial Leaded PTC Resettable Fuse
MC33184
3.75A Radial Leaded PTC Resettable Fuse
MC33185
Part Number Table
Typical Time-To-Trip at 23°C
A = MC36184
B = MC36185
C = MC36186
D = MC33171
E = MC33172
F = MC33173
G = MC36190
H = MC33174
I = MC33175
J = MC36193
K = MC33176
L = MC33177
M = MC33178
N = MC33179
O = MC33180
P = MC33181
Q = MC33182
R = MC33183
S = MC33184
T = MC33185


Similar Part No. - MC33175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC33175 ETC1-MC33175 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33175 ETC2-MC33175 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
More results

Similar Description - MC33175

ManufacturerPart #DatasheetDescription
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/07
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/23
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FUSB RFE-FUSB Datasheet
260Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/29
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com