Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP18240802EOT Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP18240802EOT
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18240802EOT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP18240802EOT Datasheet HTML 3Page - Microchip Technology MCP18240802EOT Datasheet HTML 4Page - Microchip Technology MCP18240802EOT Datasheet HTML 5Page - Microchip Technology MCP18240802EOT Datasheet HTML 6Page - Microchip Technology MCP18240802EOT Datasheet HTML 7Page - Microchip Technology MCP18240802EOT Datasheet HTML 8Page - Microchip Technology MCP18240802EOT Datasheet HTML 9Page - Microchip Technology MCP18240802EOT Datasheet HTML 10Page - Microchip Technology MCP18240802EOT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2007 Microchip Technology Inc.
DS22070A-page 7
MCP1824/MCP1824S
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VIN.............................................................6.5V
Maximum Voltage on Any Pin ... (GND – 0.3V) to (VIN + 0.3)V
Maximum Power Dissipation......... Internally-Limited (Note 6)
Output Short Circuit Duration ................................ Continuous
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature, TJ ........................... +150°C
Operating Junction Temperature, TJ .............-40°C to +125°C
EESD protection on all pins
........... ≥ 4kV HBM; 300V MM
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VOUT(MAX) + VDROPOUT(MAX), Note 1, VR = 1.8V for Adjustable Output,
IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.1
6.0
V
Output Voltage Range
VOUT
0.8
5.0
V
Input Quiescent Current
Iq
120
220
µA
IL = 0 mA, VOUT = 0.8V to
5.0V
Input Quiescent Current for
SHDN Mode
ISHDN
—0.1
3
µA
SHDN = GND
Maximum Continuous Output
Current
IOUT
300
——
mA
VIN = 2.1V to 6.0V
VR = 0.8V to 5.0V
Line Regulation
ΔVOUT/
(VOUT x ΔVIN)
±0.05
±0.17
%/V
(Note 1)
≤ VIN ≤ 6V
Load Regulation
ΔVOUT/VOUT
-1.0
±0.5
1.0
%IOUT = 1 mA to 300 mA,
(Note 4)
Output Short Circuit Current
IOUT_SC
720
mA
RLOAD <0.1Ω, Peak Current
Dropout Voltage
VDROPOUT
200
320
mV
Note 5, IOUT = 300 mA,
VIN(MIN) =2.1V
Pulsed Applications
Maximum Pulsed Output
Current
IPULSE
500
mA
VIN = 2.1V to 6.0V
VR = 0.8V to 5.0V,
Duty Cycle
≤ 60%,
Period < 10 ms
Note
1:
The minimum VIN must meet two conditions: VIN ≥ 2.1V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *10
6 / (V
R * ΔTemperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN = VOUT(MAX) + VDROPOUT(MAX).
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained
junction temperatures above 150°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.


Similar Part No. - MCP18240802EOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824 MICROCHIP-MCP1824 Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824-0802EDB MICROCHIP-MCP1824-0802EDB Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
More results

Similar Description - MCP18240802EOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1826 MICROCHIP-MCP1826 Datasheet
660Kb / 36P
   1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1826 MICROCHIP-MCP1826_13 Datasheet
853Kb / 38P
   1000 mA, Low-Voltage, Low Quiescent Current LDO Regulator
11/29/12
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com