Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSV30100CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTSV30100CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSV30100CTG Datasheet(HTML) 3 Page - ON Semiconductor

  NTSV30100CTG Datasheet HTML 1Page - ON Semiconductor NTSV30100CTG Datasheet HTML 2Page - ON Semiconductor NTSV30100CTG Datasheet HTML 3Page - ON Semiconductor NTSV30100CTG Datasheet HTML 4Page - ON Semiconductor NTSV30100CTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTSV30100CT
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Typical Reverse Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
1.6
1.4
1.2
1.0
0.6
0.4
0.2
0
0.1
1
10
100
90
80
70
60
50
40
30
20
0.001
0.01
0.1
1
10
100
Figure 3. Typical Junction Capacitance
Figure 4. Current Derating per Leg
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
100
10
1
0.1
10
100
1000
10,000
100
80
60
120
40
20
0
0
5
10
15
20
25
30
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
TC, CASE TEMPERATURE (°C)
IF(AV), AVERAGE FORWARD CURRENT (A)
140
120
100
80
60
40
20
0
0
5
10
25
35
40
50
60
18
14
12
10
6
4
2
0
0
5
10
15
20
25
30
0.8
1.8
TA = 25°C
TA = 125°C
TA = 150°C
100
TA = 25°C
TA = 125°C
TA = 150°C
TJ = 25°C
140
Square Wave
dc
RqJC = 1.3°C/W
15
20
30
45
55
Square Wave
dc
RqJC = 1.3°C/W
TJ = 150°C
Square Wave
dc
816
20
IPK/IAV =
20
IPK/IAV = 10
IPK/IAV = 5


Similar Part No. - NTSV30100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSV30100CT ONSEMI-NTSV30100CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
More results

Similar Description - NTSV30100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com