Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90S8535-8PI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT90S8535-8PI
Description  8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535-8PI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT90S8535-8PI Datasheet HTML 2Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 3Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 4Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 5Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 6Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 7Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 8Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 9Page - ATMEL Corporation AT90S8535-8PI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Packaging Information
AT90S/LS4434 and AT90S/LS8535
*Controlling dimension: millimeters
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.045(1.14) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.630(16.0)
.590(15.0)
.043(1.09)
.020(.508)
.120(3.05)
.090(2.29)
.180(4.57)
.165(4.19)
.500(12.7) REF SQ
.032(.813)
.026(.660)
.050(1.27) TYP
.022(.559) X 45° MAX (3X)
.656(16.7)
.650(16.5)
.695(17.7)
.685(17.4)
SQ
SQ
2.07(52.6)
2.04(51.8)
PIN
1
.566(14.4)
.530(13.5)
.090(2.29)
MAX
.005(.127)
MIN
.065(1.65)
.015(.381)
.022(.559)
.014(.356)
.065(1.65)
.041(1.04)
0
15
REF
.690(17.5)
.610(15.5)
.630(16.0)
.590(15.0)
.012(.305)
.008(.203)
.110(2.79)
.090(2.29)
.161(4.09)
.125(3.18)
SEATING
PLANE
.220(5.59)
MAX
1.900(48.26) REF
44A, 44-Lead, Thin (1.0 mm) Plastic Gull Wing Quad
Flat Package (TQFP)
Dimensions in Millimeters and (Inches)
44J, 44-Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
40P6, 40-Lead, 0.600" Wide,
Plastic Dual Inline Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-011 AC


Similar Part No. - AT90S8535-8PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535-8PI ATMEL-AT90S8535-8PI Datasheet
2Mb / 127P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535-8PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com