Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

781J-1-023E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 781J-1-023E
Description  SMD 4 mm Square Sealed Rotary Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

781J-1-023E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  781J-1-023E Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.00
(.197)
7814J
J-Hook
051
2.55
(.100)
1.30
± 0.10
(.051
± .004)
2.35
(.093)
0.80
± 0.10
(.031
± .004)
2 PLCS.
1.00
(.039)
3 PLCS.
2.0
(.079)
2.0
(.079)
3 PLCS.
4.0
(.157)
2.3
(.091)
1.3
(.051)
2 PLCS.
4.50
(.177)
C
CW
CCW
051
4.50
(.177)
C
CW
CCW
2.55
(.100)
0.20
(.008)
TYP.
0.60
(.024)
TYP.
5
° MAX.
TYP.
6.20
(.244)
1.30
± 0.10
(.051
± .004)
5.50
(.217)
2.00
(.079)
2.30
(.091)
1.30
(.051)
2 PLCS.
7814H
Through-
hole
2.35
(.093)
5.00
(.197)
C
CW
CCW
6.30
(.248)
2.55
(.100)
4.00
(.157)
TYP.
5.00
± 0.10
(.197
± .004)
OUTSIDE WHEN
PINS ARE PARALLEL
0.20
TYP.
(.008)
0.60
± 0.10
(.024
± .004)
3 PLCS.
4.50
(.177)
5.00
(.197)
0.80
TYP. DIA.
(.031)
7814G
Gull Wing
051
7814Z
Right Angle
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT
4.50
(.177)
4.50
(.177)
4.50
(.177)
LONG
WIDE
DEEP
ADJUSTMENT
SLOT
X
X
2.45
(.096)
0.51
(.020)
0.51
(.020)
0.80
± 0.10
(.031
± .004)
2 PLCS.
ADJUSTMENT
SLOT
LONG
WIDE
DEEP
X
X
0.51
(.020)
0.55
(.022)
2.45
(.096)
4.50
(.177)
1.30
(.051)
3 PLCS.
2.55
(.100)
2.55
(.100)
3.32
(.130)
5.76
(.226)
3.18
(.226)
3.48
(.138)
0.61
(.024)
3.08
(.121)
1.19
(.047)
0.96
(.038)
5.60
(.220)
2.54
(.100)
5.01
(.197)
1.27
(.050)
2.01
(.080)
2.01
(.080)
2.01
(.080)
0.26
(.010)
2.54
(.100)
1.30
(.051)
023
1
3
C
ROTOR POSITIONED AS SHOWN
WITHIN
± 22˚ OF CENTERLINE
OF TERMINAL 2
1.29
(.050)
0.21
(.084)
ADJ. SLOT
LONG
2.41
(.095)
WIDE
0.51
(.020)
DEEP
X
X
0.60
(.024)
Features
Single pole/double throw
Compatible with most surface mount
manufacturing processes
50 or 2000 cycle rotational life
Compatible with popular vacuum pick-and-
place equipment
J-hook, gull-wing and through hole
Meets EIA/EIAJ/IPC/VRCI SMD standard
outline dimensions
■ RoHS compliant* - see processing
information on RoHS compliant surface
mount components
For switch applications/processing
guidelines, click here
7814 SMD 4 mm Square Sealed Rotary Switch
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Contact Rating
Maximum Current ..........100 mA max.
Maximum Voltage ........................16 V
Contact Timing ..................Non-shorting
Contact Resistance ........... 2 ohms max.
Insulation Resistance
............................. 100 megohms min.
Dielectric Strength.................... 250 VAC
General Characteristics
Switch Type ...................................SPDT
Operating Temp. Range
............................... -55 °C to +125 °C
Storage Temp. Range.. -55 °C to +125 °C
Seal Test ......................85 °C Fluorinert†
Mechanical Characteristics
Positions...............................................2
Adjustment Torque ......... 1.8 N-cm max.
Stop Strength .................. 2.5 N-cm min.
Pushover Strength (Z Style)
......................... 2 kilograms minimum
Weight ................Approximately 0.2 gm.
Marking........................... Manufacturer’s
trademark, life code and date code
Environmental Characteristics
Vibration ......................................... 20 G
Shock ........................................... 100 G
Thermal Shock ........................(5 cycles)
-55 °C to +125 °C
Humidity
Insulation Resistance
............................... 10 megohms min.
Rotational Life
-051..................................... 50 Cycles
-023................................. 2000 Cycles
Packaging Options
J & G ..................................... 500 pcs.
Z ............................................ 200 pcs.
H....................................100 pcs./tube
Product Dimensions
DIMENSIONS:
MM
(INCHES)
TOLERANCES: ±2 EXCEPT WHERE NOTED.
2
C
1CW
3
CCW
How to Order
7814 J - 1 - 051 E
Model
Terminal
J = J-Hook
G = Gull Wing
H = Through-hole
Z = Right Angle
Switch Type
1 = SPDT
Rotational Life
-051 = 50 Cycles
-023 = 2000 Cycles
Optional Embossed Tape Designator
(For pin styles J, G, Z only - omit for tube
packaging)
Circuit Diagram - 7814J, G ,H
Circuit Diagram - 7814Z
2
C
3CW
1
CCW


Similar Part No. - 781J-1-023E

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
781-623 WAGO-781-623 Datasheet
429Kb / 15P
   1-conductor power distribution disconnect terminal block; 4 mm²; CAGE CLAMP®; 4,00 mm²; gray
28.12.2021
781-623-28.12.202 WAGO-781-623-28.12.202 Datasheet
429Kb / 15P
   1-conductor power distribution disconnect terminal block; 4 mm²; CAGE CLAMP®; 4,00 mm²; gray
28.12.2021
781-992 WAGO-781-992 Datasheet
599Kb / 17P
   2-conductor through terminal block; 4 mm짼; suitable for Ex e II applications; center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP짰; 4,00 mm짼; light gray
29.12.2021
logo
List of Unclassifed Man...
781-M15-113R001 ETC2-781-M15-113R001 Datasheet
324Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
781-M15-113R141 ETC2-781-M15-113R141 Datasheet
324Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
More results

Similar Description - 781J-1-023E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7814 BOURNS-7814 Datasheet
145Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
   7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
7813 BOURNS-7813 Datasheet
140Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
STSS BOURNS-STSS Datasheet
215Kb / 2P
   SMD 4 mm Sealed Tact Switch
logo
Panasonic Semiconductor
EVQP6 PANASONIC-EVQP6 Datasheet
129Kb / 4P
   4 mm Square SMD Light Touch Switch
logo
Bourns Electronic Solut...
7829 BOURNS-7829 Datasheet
422Kb / 1P
   6 mm Through-hole Sealed Rotary Switch
7914 BOURNS-7914 Datasheet
254Kb / 2P
   4 mm SMD & Through-hole Sealed Key Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com