Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54T-LP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16C54T-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-LP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16C54T-LP Datasheet HTML 7Page - Microchip Technology PIC16C54T-LP Datasheet HTML 8Page - Microchip Technology PIC16C54T-LP Datasheet HTML 9Page - Microchip Technology PIC16C54T-LP Datasheet HTML 10Page - Microchip Technology PIC16C54T-LP Datasheet HTML 11Page - Microchip Technology PIC16C54T-LP Datasheet HTML 12Page - Microchip Technology PIC16C54T-LP Datasheet HTML 13Page - Microchip Technology PIC16C54T-LP Datasheet HTML 14Page - Microchip Technology PIC16C54T-LP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 9
PIC16C5X
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC16C5X family can be
attributed to a number of architectural features com-
monly found in RISC microprocessors. To begin with,
the PIC16C5X uses a Harvard architecture in which
program and data are accessed on separate buses.
This improves bandwidth over traditional von Neumann
architecture where program and data are fetched on
the same bus. Separating program and data memory
further allows instructions to be sized differently than
the 8-bit wide data word. Instruction opcodes are 12
bits wide making it possible to have all single word
instructions. A 12-bit wide program memory access
bus fetches a 12-bit instruction in a single cycle. A two-
stage pipeline overlaps fetch and execution of instruc-
tions. Consequently, all instructions (33) execute in a
single cycle except for program branches.
The PIC16C54/CR54 and PIC16C55 address 512 x 12
of program memory, the PIC16C56/CR56 address
1K x 12 of program memory, and the PIC16C57/CR57
and PIC16C58/CR58 address 2K x 12 of program
memory. All program memory is internal.
The PIC16C5X can directly or indirectly address its
register files and data memory. All special function reg-
isters including the program counter are mapped in the
data memory. The PIC16C5X has a highly orthogonal
(symmetrical) instruction set that makes it possible to
carry out any operation on any register using any
addressing mode. This symmetrical nature and lack of
‘special optimal situations’ make programming with the
PIC16C5X simple yet efficient. In addition, the learning
curve is reduced significantly.
The PIC16C5X device contains an 8-bit ALU and work-
ing register. The ALU is a general purpose arithmetic
unit. It performs arithmetic and Boolean functions
between data in the working register and any register
file.
The ALU is 8 bits wide and capable of addition, subtrac-
tion, shift and logical operations. Unless otherwise
mentioned, arithmetic operations are two's comple-
ment in nature. In two-operand instructions, typically
one operand is the W (working) register. The other
operand is either a file register or an immediate con-
stant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the STATUS register. The C and DC bits
operate as a borrow and digit borrow out bit, respec-
tively, in subtraction. See the SUBWF and ADDWF
instructions for examples.
A simplified block diagram is shown in Figure 3-1, with
the corresponding device pins described in Table 3-1
(for PIC16C54/56/58) and Table 3-2 (for PIC16C55/
57).


Similar Part No. - PIC16C54T-LP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C54T-LP/SO MICROCHIP-PIC16C54T-LP/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54T-LP/SS MICROCHIP-PIC16C54T-LP/SS Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54T-LPE/SO MICROCHIP-PIC16C54T-LPE/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54T-LPE/SS MICROCHIP-PIC16C54T-LPE/SS Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54T-LPI/SO MICROCHIP-PIC16C54T-LPI/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
More results

Similar Description - PIC16C54T-LP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com