Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9007TUD8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9007TUD8
Description  9007 Mill and Foundry Switches Conforming to NEMA A600 and UL508
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9007TUD8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9007TUD8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9007TUD8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7
Presentation (continued),
characteristics
Severe Duty Limit Switches
0
9007T Mill and 9007FT Foundry Switches
Conforming to NEMA A600 and UL508
Environment characteristics
Conforming to standards
UL508
Product certifications
UL Listed, CSA Certified, CE Marked
Protective treatment
Corrosion resistant gray paint
Ambient air temperature
- 10
°F to + 185 °F (-23 °C to + 85 °C)
Vibration resistance
10G (10 - 55 Hz)
Shock resistance
30G
Electric shock protection
Class O
Degree of protection
NEMA Type 1, 2, 4, 12, 13, IP65, 66, 67
Cable entry or connector
0.5" NPT (metric available)
Materials
Cast zinc n
Contact block characteristics
Rated operational
characteristics hard contacts
AC Voltage
NEMA A600 Ithe = 20 A
20 A Resistive and continuous
Rated operational
characteristics hard contacts
DC Voltage
NEMA P 600 Ithe = 20 A
20 A Resistive and continuous
Rated insulation voltage
600 V
Rated impulse withstand voltage
2,500 Vac for 1 minute for CE, 2,200 Vac for 1 minute for UL, and
2,640 Vac for 1 minute for CSA
Positive opening
No
Short circuit protection
20 A Bussmann Class CC KTK-R-20 fuse, non time delay
Terminal wire sizes
(Cabling/Screw Clamp)
12 – 22 AWG (3.31 mm2 – 0.326 mm2) wire max.
Maximum actuation speed
15.2 mpm / 27.4 mpm (50 fpm / 90 fpm) with 45
° Cam angle, levers only
Electrical durability
N/A (future availability)
Maximum current ratings for control circuit contacts
Contacts
Volts
AC
Volts
DC
Inductive
35% Power Factor
Resistive
75% Power Factor
Inductive
and Resistive
Make
Break
Con-
tinuous
Carrying
Amperes
Make, Break and
Continuous Carrying
Amperes
Make and Break
Amperes
Con-
tinuous
Carrying
Amperes
Amperes
VA
Amperes
VA
Single
Throw
Double
Throw
SPDT
Quick Make
and Break
120
240
480
600
150
75
37.5
30
18,000
18,000
18,000
18,000
20
12.5
6.25
5
2400
3000
3000
3000
20
20
20
20
20
20
20
20
120
250
600
5.0
1.0
0.2
º
º
º
20
20
20
All Slow
Make
and Break
120
240
480
600
60
30
15
12
7200
7200
7200
7200
6
3
1.5
1.2
720
720
720
720
20
20
20
20
10
10
10
10
20
20
20
20
Characteristics for material and ratings comparisons — standard switches n
9007 Type T/FT
Type L (R. B. Denison Lox Switch)
Body material
Cast zinc
Cast aluminum
Cover material
Cast zinc
Aluminum
Base plate material
Steel with zinc plating
Steel with chromate plating
Shaft seal material
Nitrile
PVC
Contact block material
Phenolic
Glass filled nylon
Moveable contact material
Fine silver on copper backing
Coin Silver on steel backing
Stationary contact material
Fine silver on copper backing
90/10 AgCdO on copper backing
Low ambient temperature rating
-10° F
0° F
High ambient temperature at full rating f
180° F
200° F
Enclosure rating
NEMA Types 1, 2, 4, 12 and 13
NEMA Types 1, 4 and 13
Vibration resistance
10G (10 - 150 Hz)
40G max (10-150 Hz)
f Many switches are available with higher or lower temperature limits by selecting special versions or special options. See page 29.


Similar Part No. - 9007TUD8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
List of Unclassifed Man...
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Similar Description - 9007TUD8

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
Japan Aviation Electron...
DG1 JAE-DG1 Datasheet
428Kb / 8P
   Interface connector conforming to InfiniBand Standard
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com