Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA8FAH0-0-B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NA8FAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NA8FAH0-0-B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NA8FAH0-0-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 10Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 11Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 12Page - List of Unclassifed Manufacturers NA8FAH0-0-B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Or dering
Information
14
Or dering Information for Cable Connectors
Female
Male
Shell
Contact - plating
3 pole
4 pole
5 pole
6 pole
7 pole
X Series
NC*FX
NC*MX
Nickel
Silver
NC*FX-B
NC*MX-B
Black Cr
Gold
NC*FX-BAG
NC*MX-BAG
Black Cr
Silver
NC3FX-**-D1
NC3MX-**-D1
Nickel / Black Cr
Silver / Gold
-
-
-
-
NC6FSX2
NC6MSX2
Nickel
Silver
-
-
-
-
NC6FSX-B2
NC6MSX-B2
Black Cr
Gold
-
-
-
-
NC6FSX-BAG2
NC6MSX-BAG2
Black Cr
Silver
-
-
-
-
NC3FXCC
NC3MXCC
Nickel
Gold
-
-
-
-
XCC Series
X-HD Series
NC3FXS
-
Nickel
Gold
-
-
-
-
NC3FXS-B
-
Black Cr
Gold
-
-
-
-
FXS Series
NC3FX-SPEC
-
Black Cr
Silver
-
-
-
-
FX-SPEC Series
RX Series
NC*FRX
NC*MRX
Nickel
Silver
NC*FRX-B
NC*MRX-B
Black Cr
Gold
NC*FRX-BAG
NC*MRX-BAG
Black Cr
Silver
XX Series
NC*FXX
NC*MXX
Nickel
Silver
NC*FXX-B
NC*MXX-B
Black Cr
Gold
NC*FXX-BAG
NC*MXX-BAG
Black Cr
Silver
NC3FXX-**-D1
NC3MXX-**-D1
Nickel / Black Cr
Silver / Gold
-
-
-
-
XX-HE Series
NC3FXX-HE
NC3MXX-HE
Velour Chromium
Gold
-
-
-
-
NC*FX-HD
NC*MX-HD
Nickel
Gold
-
-
NC3FX-HD-B
NC3MX-HD-B
Metal Black
Gold
-
-
-
-
Assembly
Detailed information on page 21 and 26.
*
..... Number of Contacts
**
..... Nickel or Black
–D1 .... Bulk packed, to be ordered in multiples of 100 pcs.
2
..... Switchcraft Equivalent
XX-EMC Series
NC3FXX-EMC
NC3MXX-EMC
Nickel
Gold
-
-
-
-
NC3FXX-EMC-B
-
Black Cr
Gold
-
-
-
-
Look
for
the
Logo
Accessories and Assembly Tools


Similar Part No. - NA8FAH0-0-B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
NA813FL-D4GI-RC AXIOMTEK-NA813FL-D4GI-RC Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
   NA82 is an 8-input NAND gate with 2x drive strength.
logo
Axiomtek Co., Ltd.
NA850 AXIOMTEK-NA850 Datasheet
430Kb / 2P
   Supports diversification LAN modules expansion , 5 expandable LAN module slots support max. up to 42 LAN ports
NA850-R2GI-RC-US AXIOMTEK-NA850-R2GI-RC-US Datasheet
299Kb / 1P
   Supports BIOS redirected to COM port
More results

Similar Description - NA8FAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com