Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1840210104MG Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1840210104MG
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840210104MG Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1840210104MG Datasheet HTML 1Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 2Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 3Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 4Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 5Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 6Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 7Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 8Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 26018
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 01-Jul-10
149
MKP 1840 M
AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
Vishay Roederstein
METALLIZED POLYPROPYLENE FILM CAPACITOR, MINI VERSION (M)
Notes
(1) Ordering code -2M (e.g. MKP 1840 410 635-2M)
(2) Not suitable for mains applications
• Further C-values upon request
• Please refer to X-capacitors in our catalog “RFI Suppression Components”
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE CODE 25
250 VDC/160 VAC
VOLTAGE CODE 40
400 VDC/220 VAC (2)
VOLTAGE CODE 63
630 VDC/250 VAC (2)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
1000 pF
-210
-
-
-
-
-
-
-
-
3.0
6.5
7.5
5.0
1500 pF
-215
-
-
-
-
-
-
-
-
3.0
6.5
7.5
5.0
2200 pF
-222
-
-
-
-
-
-
-
-
3.5
8.5
7.5
5.0
3300 pF
-233
-
-
-
-
-
-
-
-
3.0
8.5
10.0
7.5
4700 pF
-247
-
-
-
-
-
-
-
-
3.0
8.5
10.0
7.5
6800 pF
-268
-
-
-
-
3.0
6.5
7.5
5.0
3.0
8.5
10.0
7.5
0.01 µF
-310
3.0
6.5
7.5
5.0
3.5
8.5
7.5
5.0
4.0
9.0
10.0
7.5
0.015 µF
-315
3.0
6.5
7.5
5.0
3.0
8.5
10.0
7.5
4.5
9.5
10.3
7.5
0.022 µF
-322
3.5
8.5
7.5
5.0
4.0
9.0
10.0
7.5
4.5
9.5
13.0
10.0
0.033 µF
-333
3.5
8.5
7.5
5.0
4.5
9.5
10.3
7.5
5.5
10.5
13.0
10.0
0.047 µF
-347
4.0
9.0
10.0
7.5
5.0
10.5
10.3
7.5
6.5
11.5
13.0
10.0
0.068 µF
-368
4.0
9.0
10.0
7.5
5.7
11.5
10.3
7.5
6.0
12.0
18.0
15.0
0.10 µF
-410
5.0
10.5
10.3
7.5
5.5
10.5
18.0
15.0
6.0
12.0
18.0
15.0
0.15 µF
-415
5.5
10.5
13.0
10.0
6.0
12.0
18.0
15.0
8.5
14.5
18.0
15.0
0.22 µF
-422
6.5
11.5
13.0
10.0
7.5
13.5
18.0
15.0
8.5
17.5
18.0
15.0
0.33 µF
-433
6.5
12.5
18.0
15.0
8.5
17.5
18.0
15.0
9.0
17.0
26.5
22.5
0.47 µF
-447
7.5
13.5
18.0
15.0
7.5
15.5
26.5
22.5
10.5
18.5
26.5
22.5
0.68 µF
-468
8.5
14.5
18.0
15.0
10.5
18.5
26.5
22.5
11.0
21.0
31.0
27.5
1.0 µF
-510
8.5
16.5
16.5
22.5
11.0
21.0
26.5
22.5
13.5
23.5
31.5
27.5
1.5 µF
-515
10.5
18.5
26.5
22.5
13.5
23.5
31.5
27.5
16.5
29.5
31.5
27.5
2.2 µF
-522
11.0
21.0
26.5
22.5
15.0
24.5
31.5
27.5
18.0
33.0
31.5
27.5
3.3 µF
-533
13.5
23.5
31.5
27.5
18.0
28.0
31.5
27.5
20.0
40.0
42.5
37.5
4.7 µF
-547
15.0
24.5
31.5
27.5
18.0
32.5
41.5
37.5
20.0
40.0
42.5
37.5
6.8 µF
-568
14.5
24.5
41.5
37.5
20.0
40.0
42.5
37.5
-
-
-
-
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE CODE 63
630 VDC/400 VAC (2)
VOLTAGE CODE 10
1000 VDC/500 VAC(2)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
1000 pF
-210
-
-
-
-
-
-
-
-
1500 pF
-215
-
-
-
-
-
-
-
-
2200 pF
-222
-
-
-
-
-
-
-
-
3300 pF
-233
-
-
-
-
-
-
-
-
4700 pF
-247
-
-
-
-
4.0
9.0
13.0
10.0
6800 pF
-268
-
-
-
-
4.0
9.0
13.0
10.0
0.01 µF
-310
4.5
9.5
13.0
10.0 (1)
5.5
10.5
13.0
10.0
0.015 µF
-315
5.5
10.5
13.0
10.0 (1)
6.5
11.5
13.0
10.0
0.022 µF
-322
6.5
11.5
13.0
10.0 (1)
5.5
10.5
18.0
15.0
0.033 µF
-333
5.5
10.5
18.0
15.0 (1)
6.0
12.0
18.0
15.0
0.047 µF
-347
6.5
12.5
18.0
15.0 (1)
7.5
13.5
18.0
15.0
0.068 µF
-368
7.5
13.5
18.0
15.0 (1)
8.5
14.5
18.0
15.0
0.10 µF
-410
6.5
14.5
26.5
22.5 (1)
7.5
15.5
26.5
22.5
0.15 µF
-415
7.5
15.5
26.5
22.5 (1)
9.0
17.0
26.5
22.5
0.22 µF
-422
8.5
16.5
26.5
22.5 (1)
10.5
18.5
26.5
22.5
0.33 µF
-433
11.0
21.0
26.5
22.5 (1)
11.0
21.0
31.0
27.5
0.47 µF
-447
11.0
21.0
31.0
27.5 (1)
13.5
23.5
31.5
27.5
0.68 µF
-468
13.5
23.5
31.5
27.5 (1)
16.5
29.5
31.5
27.5
1.0 µF
-510
16.5
29.5
31.5
27.5 (1)
18.0
33.0
31.5
27.5
1.5 µF
-515
-
-
-
-
18.0
32.5
41.5
37.5


Similar Part No. - MKP1840210104MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-D VISHAY-MKP1840-310-405-D Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-F VISHAY-MKP1840-310-405-F Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-G VISHAY-MKP1840-310-405-G Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-W VISHAY-MKP1840-310-405-W Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1840210104MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com