Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9007TUA10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9007TUA10
Description  9007 Mill and Foundry Switches Conforming to NEMA A600 and UL508
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9007TUA10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9007TUA10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9007TUA10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
6
Presentation, Application
Severe Duty Limit Switches
0
9007 Mill and Foundry Switches
Conforming to NEMA A600 and UL508
Type T — Ideal for applications requiring extra heavy duty contact ratings, or higher
operating and reset forces. Rugged mechanical construction with several different
operating sequences in one basic switch.
Type FT — Designed specifically for rough foundry application. The shaft is entirely
beyond the switch case to prevent jamming of the lever arm due to build up of sand.
A dust boot is furnished as standard to further prevent sand packing and allow free
movement of the lever arm. An extra long shaft bearing makes the switch extremely
rugged and able to handle the rough applications encountered in foundries, mills,
machine tool and similar industries. The switch will withstand hot falling sand up to
300° F (149° C).
Type T and FT
Enclosure — Oil-tight, dust-tight, water-tight, drip-tight meets NEMA 2, 4, and 13
requirements. Die cast zinc construction.
Operating Sequences — Fifteen sequences available. Universal type has 12
different operating sequences with CW only, CCW only, and neutral position
operation. Standard type has three operating sequences with CW and CCW
operation. Various sequences will give quick make and break, spring return with
maintained contact, or slow make and break. Most sequences are convertible by
removing the base plate and adjusting the positioning plate and/or latches
Ambient Temperature Range — 10° F (-12.2° C) to 185° F (85° C) ambient at full
rated load, up to 220° F (104° C) ambient with single coil load.
Lever Arm — Die cast zinc construction with hardened, oil-impregnated, sintered
iron rollers.
Conduit — 0.5" standard / 20 mm optional - Form M11
Mounting — Four baseplates provide end or side mounting holes and/or manifold
mounting. All mounting holes are 0.25" (6.35 mm) diameter. Two tapped holes on
each side of switch allows side mounting.
Contacts — SPDT, double break and three point double throw single break. Silver
contact tips. Phenolic contact block. Nylon liner. Polarity must be same on double
throw contacts.
Description
9007 (convertible sequence)
9007T Mill Switches
Use the 9007T Mill switches instead of other limit switches in
the following applications:
1 Where the current load exceeds the typical heavy duty limit
switch contact rating of 10 A and falls within the range of
up to 20 A continuous.
2 Where an operating sequence is required that is not
possible on other limit switches. Fifteen sequences are
available. Universal type has twelve different operating
sequences with CW only, CCW only and neutral position.
Standard type has three operating sequences with CW
and CCW operation.
3 Where higher reset forces are required due to foreign
material interfering with lever arm operation, or where long
heavy arms must reset against gravity.
9007FT Foundry Switches
The 9007FT Foundry switches are for use in foundries or mills
where the applications described above are required, and
where falling foundry sand or similar material could build up
and jam the operating mechanism. The shaft has a dust boot
and extends from the switch case, preventing sand build up
around the shaft. The devices can withstand hot falling sand
up to 300° F (149° C.).
9007T Mill Switches
9007FT Foundry Switches
Pages 8 and 9
Pages 10 and 11
Application Information
Interpretation of Reference Numbers:
pages 31


Similar Part No. - 9007TUA10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
List of Unclassifed Man...
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Similar Description - 9007TUA10

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
Japan Aviation Electron...
DG1 JAE-DG1 Datasheet
428Kb / 8P
   Interface connector conforming to InfiniBand Standard
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com