Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE4MAH0-0-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NE4MAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NE4MAH0-0-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NE4MAH0-0-B Datasheet HTML 1Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 2Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 4Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NE4MAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
XLR
Cable
Connectors
www .neutrik.com
9
XX Series
The next generation of the worldwide accepted standard
Unique cage type female contact - increases conductivity
Female contact with “solder stop” for ease soldering
Male connector without locking “window” - more stringent
housing, increases durability
Improved chuck type strain relief - increases retention force
and makes assembly easier and faster
New ground contact - excellent contact integrity between
chassis and cable connector
Customized branding using translucent ring
Sleek and ergonomic design - valuable and handy
NC3FXX
NC3MXX-B
NC*FXX
NC*MXX
* ... 3 - 7 contacts
3-pole male / female XLR cable connector with integrated
capacitive shield to shell connection to avoid RF-interference
and LF-noise
360° shield contact on female connector ensures best
possible shielding and chassis contact
Patent pending
EMC-XLR Series
NC3FXX-EMC
NC3MXX-EMC
Design guarantees a continuous RF-shield connection but avoids ground
loops (no LF-shield connection)
Circular capacitor enables low-inductive shield connection to connector
housing
Cable shield - PIN 1 connection includes EMI suppression bead (blocks
high frequencies)
1
2
3
cable shield
ground contacts
signal contacts
ferrite bead
connector shell
3
2
1
2
3
1
Contact #1
Connector shell
Cable shield
Inductance
Annular capacitor
-
Quality
Design


Similar Part No. - NE4MAH0-0-B

ManufacturerPart #DatasheetDescription
logo
NEC
NE41137 NEC-NE41137 Datasheet
208Kb / 2P
   N-CHANNEL GAASDUAL-GATE MESFET
NE416 NEC-NE416 Datasheet
579Kb / 13P
   NPN MEDIUM POWER UHF-VHF TRANSISTOR
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210M01 RENESAS-NE4210M01 Datasheet
193Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1998
logo
NEC
NE4210M01-T1 NEC-NE4210M01-T1 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE4MAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com