Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508AS-15AI100 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1508AS-15AI100
Description  High Performance E2 PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS-15AI100 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1508AS-15AI100 Datasheet HTML 7Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 8Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 9Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 10Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 11Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 12Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 13Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 14Page - ATMEL Corporation ATF1508AS-15AI100 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ATF1508AS/Z
11
Notes:
1. See ordering information for valid part numbers.
2. The t
RPA parameter must be added to the tLAD, tLAC,tTIC, tACL, and tSEXP parameters for macrocells running in the reduced-
power mode.
Input Test Waveforms and
Measurement Levels
rR, tF = 1.5 ns typical
Output AC Test Loads:
Note:
*Numbers in parenthesis refer to 3.0V operating condi-
tions (preliminary).
AC Characteristics
Symbol
Parameter
-7
-10
-15
-20
-25
Units
MinMax
MinMax
MinMax
Min
Max
Min
Max
t
ZX1
Output Buffer Enable Delay
(Slow slew rate = OFF;
V
CCIO = 5.0V; CL = 35 pF)
4.0
5.0
7
9
10
ns
t
ZX2
Output Buffer Enable Delay
(Slow slew rate = OFF;
V
CCIO = 3.3V; CL = 35 pF)
4.5
5.5
7
9
10
ns
t
ZX3
Output Buffer Enable Delay
(Slow slew rate = ON;
V
CCIO = 5.0V/3.3V; CL = 35 pF)
9
9
10
11
12
ns
t
XZ
Output Buffer Disable Delay
(C
L = 5 pF)
456
78
ns
t
SU
Register Setup Time
3
2
4
5
6
ns
t
H
Register Hold Time
2
3
4
5
6
ns
t
FSU
Register Setup Time of Fast Input
3
3
2
2
3
ns
t
FH
Register Hold Time of Fast Input
0.5
0.5
2
2
2.5
ns
t
RD
Register Delay
1
2
1
2
2
ns
t
COMB
Combinatorial Delay
1
2
1
2
2
ns
t
IC
Array Clock Delay
356
78
ns
t
EN
Register Enable Time
3
5
6
7
8
ns
t
GLOB
Global Control Delay
1
1
1
1
1
ns
t
PRE
Register Preset Time
234
56
ns
t
CLR
Register Clear Time
2
3
4
5
6
ns
t
UIM
Switch Matrix Delay
112
22
ns
t
RPA
Reduced-Power Adder(2)
10
11
13
14
15
ns
(3.0V)*
(703 )*
(8060 )*


Similar Part No. - ATF1508AS-15AI100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS-15AI100 ATMEL-ATF1508AS-15AI100 Datasheet
717Kb / 31P
   Highperformance EE PLD
More results

Similar Description - ATF1508AS-15AI100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com