Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008LS-272XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008LS-272XJL
Description  Chip Inductors ??1008LS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008LS-272XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008LS-272XJL Datasheet HTML 1Page - Coilcraft lnc. 1008LS-272XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1008LS Series (2520)
Document 103-2
Document 103-2 Revised 01/21/13
Typical Q vs Frequency
Typical L vs Frequency
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27 mm
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.010/0,25 both ends
Recommended
Land Pattern
Pick and
place
material
1
10
100
1000
110
1000
100
Frequency (MHz)
1.8 µH
6.8 µH
33 µH
10 µH
68 µH
0
10
20
30
40
50
110
100
Frequency (MHz)
1.8 µH
6.8 µH
33 µH
10 µH
68 µH
Note: Height dimension is before optional solder application. For maximum height
dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1008LS-272XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-272XJL COILCRAFT-1008LS-272XJL Datasheet
100Kb / 2P
   Chip Inductors -1008LS (2520)
1008LS-272XJL COILCRAFT-1008LS-272XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-272XJL COILCRAFT-1008LS-272XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-272XJLD COILCRAFT-1008LS-272XJLD Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-272XJLD COILCRAFT-1008LS-272XJLD Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
More results

Similar Description - 1008LS-272XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-182XJLB COILCRAFT-1008LS-182XJLB Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-472XJBC COILCRAFT-1008LS-472XJBC Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-152XJLB COILCRAFT-1008LS-152XJLB Datasheet
100Kb / 2P
   Chip Inductors -1008LS (2520)
1008LS-473XJLB COILCRAFT-1008LS-473XJLB Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-103XJLC COILCRAFT-1008LS-103XJLC Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-393XJLB COILCRAFT-1008LS-393XJLB Datasheet
100Kb / 2P
   Chip Inductors - 1008LS (2520)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com