Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1840-24 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 1840-24
Description  Signal and Dataline Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1840-24 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  1840-24 Datasheet HTML 1Page - Bourns Electronic Solutions 1840-24 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low peak clamping voltage even during
severe current surges
Ability to repeatedly protect against high
surge currents up to rated limits
Convenient mounting and grounding to any
flat surface or to DIN-1 (TS-32) or DIN-3
(TS-35) rail
Cable shields are passed through and
may be either grounded or arc-protected to
ground
Vibration-resistant screw-type clamp
terminals
Flame-resistant epoxy-filled housing
1840 Series – Signal and Dataline Protector
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
The Bourns® 1840 Series Signal and Dataline Protectors are designed to protect sensitive electronic circuits and components from damaging
surge voltages and currents. Their extremely fast response and low clamping voltages make them particularly suitable for the protection of sensi-
tive signal and datalines associated with computer, data communication, instrumentation, broadcasting and industrial controls. They may be used
directly with EIA standard interfaces RS-232, RS-422, RS-423, RS-485 and with 4-20 mA and 50 mA instrumentation loops. The Model 1840
Series Signal and Dataline Protectors are fast, rugged and capable of protecting against fast rising voltage transients as well as the severe
current surges associated with lightning discharges, in each case up to rated limits.
Method of Operation
The Bourns® 1840 Series are heavy-duty, multi-staged protectors. A solid-state 3rd stage protection component intercepts the leading edge of the
surge within sub-nanosecond response time. Within microseconds, a primary stage 3-electrode common chambered heavy-duty gas discharge
tube capable of handling 20,000 ampere lightning currents operates and crowbars the majority of the surge energy to ground. The Model 1840
also utilizes BournsTBU® High-Speed Protector (HSP) technology as a key 2nd stage. Any current through the protector exceeding 300 mA
will cause the TBU® HSP to quickly transition into a high impedance state, thus isolating any harmful voltage and/or current from damaging the
protected equipment. The gas discharge tube protector remains in the crowbar state until the surge has passed and line voltages return to safe
levels. The TBU® HSP then automatically restores the line to normal operation by resetting to a low impedance state. There is no need for
resetting a breaker or replacing a fuse to address a transient surge event.
Application
Protectors are generally placed at each end of a signal, dataline or current loop. In the case of daisy-chain configurations (such as RS-485),
protectors are placed at each node.
Related Bourns® Protectors
For outdoor applications with 1/2-inch NPT ports (such as field-mounted 4-20 mA transmitters), please refer to the Bourns® Model 1669 Series
Protector. In this application, the mixed use of a Model 1840 Series Protector at the controller and a Model 1669 Series Protector at the field is
recommended.
Characteristics @ 25 °C
Standard Model
1840-05
1840-12
1840-24
Maximum Breakdown Voltage
(L-L) and (L-G)
8 V
15 V
30 V
Surge Life
100 Amps 10 x 1000 μsec............................................
300 operations min.
100 Amps 10 x 1000 μsec............................................
300 operations min.
500 Amps 10 x 1000 μsec............................................
50 operations min.
1000 Amps 10 x 1000 μsec..........................................
10 operations min.
3 kA, 6 kV / 8 x 20 μsec Combination Wave ................
100 operations min.
10 kA / 8 x 20 μsec.......................................................
10 operations min.
20 kA / 8 x 20 μsec.......................................................
5 operations min.
Breakdown Voltage............................................................
See table*
ESD @ 8 kV ......................................................................
10 operations min.
Shield ARC Protection 6 kV / 3 kA.....................................
5 operations min.
Capacitance @ 1 MHz ......................................................
L/G: 45 pF, L/L: 35 pF
Series Resistance..............................................................
12 Ω typical
Maximum Load Continuous Current..................................
220 mA
DC Leakage Current at Rated L/G Voltage .......................
< 10 μA
Blocking Current ................................................................
300 mA; typical 450 mA
Signal/Data Attenuation .....................................................
3 db @ 30 MHz with 50 Ω
termination
Operating Temperature......................................................
-40 ºC to +60 ºC
Response Time..................................................................
< 1 μsec
Wire Size ...........................................................................
20 AWG
*Custom voltages are available upon request. Please visit www.bourns.com/data/global/
pdfs/SMBJ.pdf for custom allowable voltage. Lead-time may be extended for some custom
voltages.
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390
Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
SHIELD
SHORTING
LINK
E3
L1
L2
E1
E2
TBU® DEVICE
TBU® DEVICE
SHIELD
SOLID-STATE
LOW
VOLTAGE
PROTECTION
Circuit Diagram


Similar Part No. - 1840-24

ManufacturerPart #DatasheetDescription
logo
API Delevan
1840-24K API-1840-24K Datasheet
52Kb / 1P
   Molded Unshielded RF Coils
1840-24K API-1840-24K Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
More results

Similar Description - 1840-24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1810-10-XX BOURNS-1810-10-XX Datasheet
350Kb / 2P
   Signal and Dataline Protector
1800 BOURNS-1800 Datasheet
350Kb / 2P
   Signal and Dataline Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
Diodes Incorporated
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com