Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206CS-100XL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1206CS-100XL
Description  Chip Inductors ??1206CS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1206CS-100XL Datasheet(HTML) 2 Page - Coilcraft lnc.

  1206CS-100XL Datasheet HTML 1Page - Coilcraft lnc. 1206CS-100XL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1206CS Series (3216)
Document 104-2
Document 104-2 Revised 01/11/12
Typical Q vs Frequency
Typical L vs Frequency
1000
10000
100
10
1
100
10
Frequency (MHz)
1000
1
1200 nH
560 nH
150 nH
47 nH
18 nH
3.3 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1000
10000
Frequency (MHz)
15 nH
3.3 nH
33 nH
150 nH
680 nH
330 nH
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Designer’s Kit C320 contains 10 each of all 5% values
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 19.5 – 23.0 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel. Plastic tape: 8 mm wide,
0.3 mm thick, 4 mm pocket spacing, 1.6 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf
A max B max C max
D ref
E
F
G
H
I
J
0.140 0.085
0.060
0.020 0.056 0.020 0.080 0.076 0.040 0.070
3,56
2,16
1,52
0,51
1,42
0,51
2,03
1,93
1,02
1,78
A
B
overall
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
I
I
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Pick and
place
material
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1206CS-100XL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1206CS-100XFLB COILCRAFT-1206CS-100XFLB Datasheet
107Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1206CS-100XFLC COILCRAFT-1206CS-100XFLC Datasheet
107Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1206CS-100XJLD COILCRAFT-1206CS-100XJLD Datasheet
158Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1206CS-100X_L COILCRAFT-1206CS-100X_L Datasheet
220Kb / 2P
   Chip Inductors
More results

Similar Description - 1206CS-100XL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1206CS-102XGLC COILCRAFT-1206CS-102XGLC Datasheet
107Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1206CS-391XJLB COILCRAFT-1206CS-391XJLB Datasheet
148Kb / 2P
   Chip Inductors ??1206CS Series (3216)
1206CS-102XGBC COILCRAFT-1206CS-102XGBC Datasheet
158Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1812LS-105XJLC COILCRAFT-1812LS-105XJLC Datasheet
177Kb / 2P
   Chip Inductors 1812LS Series
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
logo
Bourns Electronic Solut...
CC322522A BOURNS-CC322522A Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
logo
Coilcraft lnc.
1008CS-151XKLB COILCRAFT-1008CS-151XKLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
logo
Bourns Electronic Solut...
CC453232A BOURNS-CC453232A Datasheet
619Kb / 5P
   CC453232A Series – Chip Inductors
07/20
logo
Coilcraft lnc.
1008CS-151XGLC COILCRAFT-1008CS-151XGLC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com