Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP15 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GBP15
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBP15 Datasheet(HTML) 1 Page - Vishay Siliconix

  GBP15 Datasheet HTML 1Page - Vishay Siliconix GBP15 Datasheet HTML 2Page - Vishay Siliconix GBP15 Datasheet HTML 3Page - Vishay Siliconix GBP15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBPC12, 15, 25 and 35
Document Number 88612
08-Jul-05
Vishay Semiconductors
www.vishay.com
1
~
~
~
~
~
~
GBPC
GBPC-W
Glass Passivated Single-Phase Bridge Rectifier
Major Ratings and Characteristics
IF(AV)
12 A, 15 A, 25 A, 35 A
VRRM
50 V to 1000 V
IFSM
200 A, 300 A, 300 A, 400 A
IR
5 µA
VF
1.1 V
Tj max.
150 °C
Features
• UL Recognition file number E54214
• Universal 3-way terminals: snap-on, wire wrap-
around, or P.C.B. mounting
• Typical IR less than 0.3 µA
• High surge current capability
• Low thermal resistance
• Solder Dip 260 °C, 40 seconds
Typical Applications
General purpose use in ac-to-dc bridge full wave rec-
tification for Power Supply, Home Appliances, Office
Equipment, Industrial Automation applications
Mechanical Data
Case: GBPC, GBPC-W
Epoxy meets UL-94V-0 Flammability rating
Terminals: Nickel plated on faston lugs or Silver
plated on wire leads (E4 Suffix), solderable per
J-STD-002B and JESD22-B102D. Suffix letter "W"
added to indicate wire leads
(e.g.
GBPC12005W)
Polarity: As marked, Positive lead by belevled corner
Mounting Torque: 20 inches-lbs. max.
Maximum Ratings
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
GBPC12, 15, 25, 35
Units
005
01
02
04
06
08
10
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified output
current (See Fig.1)
GBPC12
GBPC15
GBPC25
GBPC35
IF(AV)
12
15
25
35
A
Peak forward surge current single sine-
wave superimposed on rated load
GBPC12
GBPC15
GBPC25
GBPC35
IFSM
200
300
300
400
A
Rating (non-repetitive, for t greater than
1 ms and less than 8.3 ms) for fusing
GBPC12
GBPC15
GBPC25
GBPC35
I2t
160
375
375
660
A2 sec
RMS isolation voltage from case to leads
VISO
2500
V
Operating junction storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - GBP15

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
GBP15005 YEASHIN-GBP15005 Datasheet
806Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP1501 YEASHIN-GBP1501 Datasheet
806Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP1502 YEASHIN-GBP1502 Datasheet
806Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP1504 YEASHIN-GBP1504 Datasheet
806Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP1506 YEASHIN-GBP1506 Datasheet
806Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBP15

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com