Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8CZ-15XI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF16V8CZ-15XI
Description  High Performance E2 PLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8CZ-15XI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF16V8CZ-15XI Datasheet HTML 2Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 3Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 4Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 5Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 6Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 7Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 8Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 9Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Registered Output Preload
The ATF16V8CZ’s registers are provided with circuitry to
allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be
forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file
with vectors is compiled. Once downloaded, the JEDEC
file preload sequence will be done automatically by ap-
proved programmers.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF16V8CZ fuse patterns. Once programmed, fuse
verify and preload are inhibited. However, the 64-bit User
Signature remains accessible.
The security fuse should be programmed last, as its effect
is immediate.
Input and I/O Pin Keeper Circuits
The ATF16V8CZ contains internal input and I/O pin
keeper circuits. These circuits allow each ATF16V8CZ pin
to hold its previous value even when it is not being driven
by an external source or by the device’s output buffer. This
helps insure that all logic array inputs are at known, valid
logic levels. This reduces system power by preventing
pins from floating to indeterminate levels. By using pin
keeper circuits rather than pull-up resistors, there is no DC
current required to hold the pins in either logic state (high
or low).
These pin keeper circuits are implemented as weak feed-
back inverters, as shown in the Input Diagram below.
These keeper circuits can easily be overdriven by stand-
ard TTL- or CMOS-compatible drivers. The typical over-
drive current required is 40
µA.
Input Diagram
I/O Diagram
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P16V8R
P16V8C
P16V8AS
P16V8
CUPL
G16V8MS
G16V8MA
G16V8AS
G16V8A
LOG/iC
GAL16V8_R (1)
GAL16V8_C7 (1)
GAL16V8_C8 (1)
GAL16V8
OrCAD-PLD
“Registered”
“Complex”
“Simple”
GAL16V8A
PLDesigner
P16V8R
P16V8C
P16V8C
P16V8A
Tango-PLD
G16V8R
G16V8C
G16V8AS
G16V8
Note:
1. Only applicable for version 3.4 or lower.
6
ATF16V8CZ


Similar Part No. - ATF16V8CZ-15XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8CZ-15XI ATMEL-ATF16V8CZ-15XI Datasheet
595Kb / 26P
   Highperformance EE PLD
More results

Similar Description - ATF16V8CZ-15XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com