Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GBPC15
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBPC15 Datasheet(HTML) 2 Page - Vishay Siliconix

  GBPC15 Datasheet HTML 1Page - Vishay Siliconix GBPC15 Datasheet HTML 2Page - Vishay Siliconix GBPC15 Datasheet HTML 3Page - Vishay Siliconix GBPC15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 88612
08-Jul-05
GBPC12, 15, 25 and 35
Vishay Semiconductors
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes:
(1) Thermal resistance from junction to case per leg
(2) Bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #10 screw
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Test condition Symbols
GBPC12, 15, 25, 35
Units
005
01
02
04
06
08
10
Maximum instantaneous
forward drop per leg
GBPC12
GBPC15
GBPC25
GBPC35
IF = 6.0 A
IF = 7.5 A
IF = 12.5 A
IF = 17.5 A
VF
1.1
V
Maximum reverse DC current at rated DC
blocking voltage per leg
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance per leg
at 4 V, 1 MHz
CJ
300
pF
Parameter
Symbols
GBPC12, 15, 25, 35
Units
005
01
02
04
06
08
10
Typical thermal resistance per leg (1)
GBPC12-25
GBPC35
RθJC
1.9
1.4
°C/W
Figure 1. Maximum Output Rectified Current
Case Temperature (°C)
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
Bridges Mounted on
9.5 x 3.5 x 4.6"
(22.9 x 8.9 x 11.7 cm)
AL. Finned Plate
5x6x 4.9"
AL, Finned Plate
5x4x3"
AL. Finned Plate
6 x 2.2 x 2.2"
AL. Finned Plate
60 HZ Resistive or
Inductive Load
Figure 2. Maximum Output Rectified Current
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
60 HZ Resistive or
Inductive Load
GBPC35
RthS-A = 0.5 °C/W
GBPC25
RthS-A = 0.5 °C/W
GBPC15
RthS-A = 1.0 °C/W
GBPC12
RthS-A = 1.0 °C/W


Similar Part No. - GBPC15

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC15 SURGE-GBPC15 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBPC15 TSC-GBPC15 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Shanghai Shunye Electro...
GBPC15 SY-GBPC15 Datasheet
135Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
GBPC15 FAIRCHILD-GBPC15 Datasheet
41Kb / 3P
   12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
Vishay Siliconix
GBPC15 VISHAY-GBPC15 Datasheet
98Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 28-Mar-11
More results

Similar Description - GBPC15

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com