Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C180S16F Datasheet(PDF) 7 Page - Microchip Technology

Part # RE46C180S16F
Description  CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C180S16F Datasheet(HTML) 7 Page - Microchip Technology

Back Button RE46C180S16F Datasheet HTML 3Page - Microchip Technology RE46C180S16F Datasheet HTML 4Page - Microchip Technology RE46C180S16F Datasheet HTML 5Page - Microchip Technology RE46C180S16F Datasheet HTML 6Page - Microchip Technology RE46C180S16F Datasheet HTML 7Page - Microchip Technology RE46C180S16F Datasheet HTML 8Page - Microchip Technology RE46C180S16F Datasheet HTML 9Page - Microchip Technology RE46C180S16F Datasheet HTML 10Page - Microchip Technology RE46C180S16F Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
 2011 Microchip Technology Inc.
DS22275A-page 7
RE46C180
Low Battery
Low Battery Check
Period
TPLB1
76
80
84
s
Standby, No Alarm,
No Low Battery
TPLB2
304
320
336
s
Standby, No Alarm, Low
Battery
Horn Operation
Horn Delay
THDLY1
10, 11
475
500
525
ms
From Local Alarm to Horn
Active, temporal horn pattern
THDLY2
10, 11
380
400
420
ms
From Local Alarm to Horn
Active, continuous horn
pattern
Horn Period
THPER1
10, 11
38
40
42
s
Low Battery, No Alarm
THPER2
10, 11
38
40
42
s
Chamber Failure, No Alarm
THPER3
10, 11
237
250
263
ms
Alarm Memory Indication
upon PTT, AMHCEn=1
THPER4
10, 11
5.5
5.8
6.1
s
CO Alarm horn period
(Note 2)
Horn On Time
THON1
10, 11
9.5
10
10.5
ms
1.
Low Battery, No Alarm
2.
Chamber Failure
3.
Alarm Memory
Indication upon PTT,
AMHCEn = 1
THON2
10, 11
475
500
525
ms
Smoke Alarm, temporal horn
pattern (Note 3)
THON3
10, 11
332
350
368
ms
Smoke Alarm, continuous
horn pattern (Note 3)
THON4
10, 11
95
100
105
ms
CO Alarm, COEn = 1
Horn Off Time
THOF1
10, 11
475
500
525
ms
Smoke Alarm, temporal horn
pattern (Note 3)
THOF2
10, 11
1.43
1.5
1.58
s
Smoke Alarm, temporal horn
pattern (Note 3)
THOF3
10, 11
143
150
158
ms
Smoke Alarm, continuous
horn pattern (Note 3)
THOF4
10, 11
37
39
41
s
Chamber Fail horn off time
between pulse trains (3x)
THOF5
10, 11
465
490
515
ms
Chamber Fail horn off time
between pulses
THOF6
10, 11
95
100
105
ms
CO Alarm horn off time
between pulses,
COEn = 1 (Note 2)
THOF7
10, 11
4.8
5.1
5.4
s
CO alarm horn off time
between pulse trains,
COEn = 1 (Note 2)
AC ELECTRICAL CHARACTERISTICS
(CONTINUED)
AC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -10°C to +60°C,
VDD = 9V, VSS = 0V.
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Note 1:
TPOSC is 100% production tested. All other timing is verified by functional testing.
2:
See timing diagram for CO alarm horn pattern.
3:
See timing diagram for smoke alarm temporal and non-temporal horn pattern.
4:
See timing diagram for horn synchronization and Auto Alarm Locate (AAL).


Similar Part No. - RE46C180S16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
1Mb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results

Similar Description - RE46C180S16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com