Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1824ST1202EDC Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1824ST1202EDC
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824ST1202EDC Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1824ST1202EDC Datasheet HTML 7Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 8Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 9Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 10Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 11Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 12Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 13Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 14Page - Microchip Technology MCP1824ST1202EDC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2007 Microchip Technology Inc.
DS22070A-page 11
MCP1824/MCP1824S
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.5V, Fixed output, SHDN = 10 kΩ pullup to VIN.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage (Adjustable Version).
FIGURE 2-2:
Ground Current vs. Load
Current (Adjustable Version).
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature (Adjustable Version).
FIGURE 2-4:
Line Regulation vs.
Temperature (Adjustable Version).
FIGURE 2-5:
Load Regulation vs.
Temperature (Adjustable Version).
FIGURE 2-6:
Adjust Pin Voltage vs.
Temperature (Adjustable Version).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
90
100
110
120
130
140
2345
6
Input Voltage (V)
μ
130°C
-45°C
25°C
90°C
VOUT = 1.2V Adj
I
OUT = 0 mA
0°C
100
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
Load Current (mA)
μ
V
IN=3.3V
V
OUT = 1.2V Adj
VIN=5.0V
VIN=2.5V
90
100
110
120
130
140
150
160
170
-45
-20
5
30
55
80
105
130
Temperature (°C)
μ
V
IN=6.0V
V
IN=3.0V
V
IN=4.0V
VOUT = 0.8V Adj
I
OUT = 0 mA
V
IN=5.0V
V
IN=2.1V
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 1.2V adj
V
IN = 2.1V to 6.0V
I
OUT = 1 mA
I
OUT=300 mA
I
OUT = 50 mA
I
OUT=100 mA
I
OUT=200 mA
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
-45
-20
5
30
55
80
105
130
Temperature (°C)
IOUT = 1.0 mA to 300 mA
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 0.8V
V
OUT = 1.8V
0.407
0.408
0.409
0.410
0.411
0.412
0.413
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 1.2V
I
OUT = 1.0 mA
V
IN = 2.1V
V
IN = 6.0V
V
IN = 4.0V


Similar Part No. - MCP1824ST1202EDC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1824S MICROCHIP-MCP1824S Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824S MICROCHIP-MCP1824S Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824S MICROCHIP-MCP1824S Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824S MICROCHIP-MCP1824S Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824S-0802EDB MICROCHIP-MCP1824S-0802EDB Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
More results

Similar Description - MCP1824ST1202EDC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1826 MICROCHIP-MCP1826 Datasheet
660Kb / 36P
   1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1826 MICROCHIP-MCP1826_13 Datasheet
853Kb / 38P
   1000 mA, Low-Voltage, Low Quiescent Current LDO Regulator
11/29/12
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com