Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7800 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800
Description  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image

Parameter
Symbol
Value
Unit
Conditions
Minimum External Air Gap
(Clearance)
L(101)
7.4
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
8.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
Volts
DIN IEC 112/VDE 0303 Part 1
Isolation Group
III a
Material Group
(DIN VDE 0110, 1/89, Table 1)
Insulation and Safety Related Specifications
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
- 40
100
Supply Voltage
VDD1, VDD2
0
5.5
V
Steady-State Input Voltage
2 Second Transient Input Voltage
VIN+, VIN-
-2.0
-6.0
VDD1 +0.5
Output Voltage
VOUT
-0.5
VDD2 +0.5
Solder Reflow Temperature Profile
See Maximum Solder Reflow Thermal Profile Section
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltage
VDD1, VDD2
4.5
5.5
V
Input Voltage (accurate and linear)
VIN+, VIN-
-200
200
mV
1
Input Voltage (functional)
VIN+, VIN-
-2
2
V
Recommended Operating Conditions


Similar Part No. - HCPL-7800

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800 HP-HCPL-7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com