Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7004C-1-OH-15 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7004C-1-OH-15
Description  Network Interface Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7004C-1-OH-15 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7004C-1-OH-15 Datasheet HTML 1Page - Bourns Electronic Solutions 7004C-1-OH-15 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Accepts POTS lines & coaxial protector
Manufactured from high-impact resistant,
ultraviolet-desensitized, flame retardant
plastic
Optional sealed switching jacks with
Insulation Displacement Connectors
(IDC)
Subscriber lockable with Telco override
Convenient ground attachment
Listed per UL 497 (File: E53117)
How To Order
7004C Series - Network Interface Device
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns® Model 7004C NID provides a secure and weather resistant enclosure for Telco service for residential or commercial
installations. The 7004C supplies station protection and test access points and can be configured for a maximum of two POTS lines
and one 1740-xx coax protector. The 7004C features convenient cable knockouts and generous working space for wire
management.
7004C - 0X - X X - XX
Model Number Designator
Number of Twisted Pairs
0 = None
1 = One
2 = Two
Station Protector Options
D 1 = 455HS-MSP (2377-45-HS) Voice/Data/DSL (UL,cUL)
U 3 = 455HS-MSP (2377-45-HS-IDC) Voice/DSL/Data (UL,cUL)
Z 1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL (UL, cUL)
W 3 = 455HS-BC* (2377-45-BC-IDC) Balance-Sensitive DSL (UL, cUL)
V 3 = 455-MSP-TBU (2377-45-HS-TBU) MSP w/TBU® Protector (UL, cUL)
Q 3 = 455BC-MSP-TBU* (2377-45-BC-TBU) Balance-Sensitive MSP w/TBU® Protector (UL, cUL)
E 2 = 155HS-MSP (2378-35-HS) Voice/DSL/Data (UL, cUL)
Y 2 = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL (UL, cUL)
G
= 155G (2378-35-G) Balanced GDT, No Back-Up-Gap (UL, cUL)
K
= 356G (2377-35-G) Balanced GDT, No Back-Up-Gap (UL, cUL)
R 3 = 356G (2377-35-G-IDC) Balanced GDT, No Back-Up-Gap (UL, cUL)
T
= Tii355M
O
= No Station Protectors (Not available with DSL configurations)
*For DSL systems requiring capacitive balance within 1 pF.
Note 1 = Digi.Guard - 356 size, RUS Maximum Duty.
Note 2 = Digi.Guard II - 125 size, RUS Heavy Duty.
Note 3 = Insulation Displacement Connectors (IDC)
Special Options
H =
Security Screw in security plate
I =
Expansion Bridge w/IDC (85122-IDC)
S =
Sealed Switching Jack w/IDC (85122-T-IDC)
O =
No options (standard 85122 jack)
F =
Sealed Switching Jack 4-Post (85122-T4)
N =
90 ° F-connector (85901)
B =
Expansion Bridge w/Binding Posts (85122-B)
Coax Protector Options
15 = 1740-15 (150 V±20 % DC Breakdown @ 100 V/Sec)
23 = 1740-23 (230 V±20 % DC Breakdown @ 100 V/Sec)
35 = 1740-35 (350 V±20 % DC Breakdown @ 100 V/Sec)
To add lines, use station protector +
85122
Standard Jack
85122-T4
Sealed Switching Jack, 4-post
85122-T-IDC
Sealed Switching Jack w/IDC


Similar Part No. - 7004C-1-OH-15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7004C-00-BB-15 BOURNS-7004C-00-BB-15 Datasheet
334Kb / 2P
   Network Interface Device
7004C-00-BB-23 BOURNS-7004C-00-BB-23 Datasheet
334Kb / 2P
   Network Interface Device
7004C-00-BB-35 BOURNS-7004C-00-BB-35 Datasheet
334Kb / 2P
   Network Interface Device
7004C-00-BF-15 BOURNS-7004C-00-BF-15 Datasheet
334Kb / 2P
   Network Interface Device
7004C-00-BF-23 BOURNS-7004C-00-BF-23 Datasheet
334Kb / 2P
   Network Interface Device
More results

Similar Description - 7004C-1-OH-15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
708X BOURNS-708X Datasheet
393Kb / 1P
   Network Interface Device
7032 BOURNS-7032 Datasheet
254Kb / 2P
   Network Interface Device
7004C BOURNS-7004C Datasheet
334Kb / 2P
   Network Interface Device
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
   Network Interface Device
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
   SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com